Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMH6723 Datasheet(PDF) 12 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LMH6723
Description  Single/Dual/Quad 370 MHz 1 mA Current Feedback Op Amp
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMH6723 Datasheet(HTML) 12 Page - National Semiconductor (TI)

Back Button LMH6723 Datasheet HTML 8Page - National Semiconductor (TI) LMH6723 Datasheet HTML 9Page - National Semiconductor (TI) LMH6723 Datasheet HTML 10Page - National Semiconductor (TI) LMH6723 Datasheet HTML 11Page - National Semiconductor (TI) LMH6723 Datasheet HTML 12Page - National Semiconductor (TI) LMH6723 Datasheet HTML 13Page - National Semiconductor (TI) LMH6723 Datasheet HTML 14Page - National Semiconductor (TI) LMH6723 Datasheet HTML 15Page - National Semiconductor (TI) LMH6723 Datasheet HTML 16Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
Application Section (Continued)
Inverting Gain" and "R
F vs. Inverting Gain". These charts
provide a good place to start when selecting the best feed-
back resistor value for a variety of gain settings.
For more information see Application Note OA-13 which
describes the relationship between R
F and closed-loop fre-
quency response for current feedback operational amplifiers.
The value for the inverting input impedance for the
LMH6723/LMH6724/LMH6725 is approximately 500
Ω. The
LMH6723/LMH6724/LMH6725 is designed for optimum per-
formance at gains of +1 to +5V/V and −1 to −4V/V. Higher
gain configurations are still useful; however, the bandwidth
will fall as gain is increased, much like a typical voltage
feedback amplifier.
Figure 2 and Figure 3 show the value of R
F versus gain. A
higher R
F is required at higher gains to keep RG from de-
creasing too far below the input impedance of the inverting
input. This limitation applies to both inverting and non-
inverting
configurations.
For
the
LMH6723/LMH6724/
LMH6725 the input resistance of the inverting input is ap-
proximately 500
Ω and 100Ω is a practical lower limit for R
G.
The LMH6723/LMH6724/LMH6725 begins to operate in a
gain bandwidth limited fashion in the region where R
F must
be increased for higher gains. Note that the amplifier will
operate with R
G values well below 100
Ω; however, results
will be substantially different than predicted from ideal mod-
els. In particular, the voltage potential between the Inverting
and Non-Inverting inputs cannot be expected to remain
small.
For inverting configurations the impedance seen by the
source is R
G || RT. For most sources this limits the maximum
inverting gain since R
F is determined by the desired gain as
shown in Figure 3. The value of R
G is then RF/Gain. Thus for
an inverting gain of −4 V/V the input impedance is equal to
100
Ω. Using a termination resistor, this can be brought down
to match a 50
Ω or 75Ω source; however, a 150Ω source
cannot be matched without a severe compromise in R
F.
ACTIVE FILTERS
When using any current feedback operational amplifier as an
active filter it is necessary to be careful using reactive com-
ponents in the feedback loop. Reducing the feedback imped-
ance, especially at higher frequencies, will almost certainly
cause stability problems. Likewise capacitance on the invert-
ing input should be avoided. See Application Notes OA-7
and OA-26 for more information on Active Filter applications
for Current Feedback Op Amps.
When using the LMH6723/LMH6724/LMH6725 as a low-
pass filter the value of R
F can be substantially reduced from
the value recommended in the R
F vs. Gain charts. The
benefit of reducing R
F is increased gain at higher frequen-
cies, which improves attenuation in the stop band. Stability
problems are avoided because in the stop band additional
device bandwidth is used to cancel the input signal rather
than amplify it. The benefit of this change depends on the
particulars of the circuit design. With a high pass filter con-
figuration reducing R
F will likely result in device instability
and is not recommended.
20078905
FIGURE 2. RF vs. Non-Inverting Gain
20078906
FIGURE 3. R
F vs. Inverting Gain
20078933
FIGURE 4. Typical Application with Suggested Supply
Bypassing
www.national.com
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com