Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMH6723 Datasheet(PDF) 14 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LMH6723
Description  Single/Dual/Quad 370 MHz 1 mA Current Feedback Op Amp
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMH6723 Datasheet(HTML) 14 Page - National Semiconductor (TI)

Back Button LMH6723 Datasheet HTML 9Page - National Semiconductor (TI) LMH6723 Datasheet HTML 10Page - National Semiconductor (TI) LMH6723 Datasheet HTML 11Page - National Semiconductor (TI) LMH6723 Datasheet HTML 12Page - National Semiconductor (TI) LMH6723 Datasheet HTML 13Page - National Semiconductor (TI) LMH6723 Datasheet HTML 14Page - National Semiconductor (TI) LMH6723 Datasheet HTML 15Page - National Semiconductor (TI) LMH6723 Datasheet HTML 16Page - National Semiconductor (TI) LMH6723 Datasheet HTML 17Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 14 / 17 page
background image
Application Section (Continued)
LAYOUT CONSIDERATIONS
Whenever questions about layout arise, use the evaluation
board as a guide. Evaluation boards are shipped with
sample requests.
To reduce parasitic capacitances ground and power planes
should be removed near the input and output pins. Compo-
nents in the feedback loop should be placed as close to the
device as possible. For long signal paths controlled imped-
ance lines should be used, along with impedance matching
at both ends.
Bypass capacitors should be placed as close to the device
as possible. Bypass capacitors from each rail to ground are
applied in pairs. The larger electrolytic bypass capacitors
can be located anywhere on the board; however, the smaller
ceramic capacitors should be placed as close to the device
as possible.
VIDEO PERFORMANCE
The LMH6723/LMH6724/LMH6725 has been designed to
provide good performance with both PAL and NTSC com-
posite video signals. The LMH6723/LMH6724/LMH6725 is
specified for PAL signals. Typically, NTSC performance is
marginally better due to the lower frequency content of the
signal. Performance degrades as the loading is increased;
therefore, best performance will be obtained with back ter-
minated loads. The back termination reduces reflections
from the transmission line and effectively masks transmis-
sion line and other parasitic capacitances from the amplifier
output stage. Figure 4 shows a typical configuration for
driving a 75
Ω cable. The amplifier is configured for a gain of
2 to make up for the 6dB of loss in R
OUT.
SINGLE 5V SUPPLY VIDEO
With a 5V supply the LMH6723/LMH6724/LMH6725 is able
to handle a composite NTSC video signal, provided that the
signal is AC coupled and level shifted so that the signal is
centered around V
CC/2.
POWER DISSIPATION
Follow these steps to determine the maximum power dissi-
pation for the LMH6723/LMH6724/LMH6725:
1.
Calculate the quiescent (no-load) power: P
AMP =ICC *
(V
S)VS =V
+ -V-
2.
Calculate the RMS power dissipated in the output stage:
P
D (rms) = rms ((VS-VOUT)*IOUT) where VOUT and IOUT
are the voltage and current across the external load and
V
S is the total supply current.
3.
Calculate the total RMS power: P
T =PAMP +PD
The maximum power that the LMH6723/LMH6724/LMH6725
package can dissipate at a given temperature can be de-
rived with the following equation:
P
MAX = (150
o -T
AMB)/
θ
JA, where TAMB = Ambient tempera-
ture (˚C) and
θ
JA = Thermal resistance, from junction to
ambient, for a given package (˚C/W). For the SOIC-8 pack-
age
θ
JA is 166˚C/W and for the SOT it is 230˚C/W. The
SOIC-14 has a
θ
JA of 130˚C/W. The TSSOP-14 has a
θ
JA of
160˚C/W.
ESD PROTECTION
The LMH6723/LMH6724/LMH6725 is protected against
electrostatic discharge (ESD) on all pins. The LMH6723/
LMH6725 will survive 2000V Human Body Model or 200V
Machine Model events.
Under closed loop operation the ESD diodes have no effect
on circuit performance. There are occasions, however, when
the ESD diodes will be evident. If the LMH6723/LMH6724/
LMH6725 is driven into a slewing condition the ESD diodes
will clamp large differential voltages until the feedback loop
restores closed loop operation. Also, if the device is powered
down and a large input signal is applied, the ESD diodes will
conduct.
20078943
FIGURE 8. Composite Amplifier Frequency Response
www.national.com
14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com