Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC2001 Datasheet(PDF) 6 Page - Tripath Technology Inc.

Part # TC2001
Description  STEREO 200W CLASS-T DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSING TECHNOLOGY
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPATH [Tripath Technology Inc.]
Direct Link  http://www.etelos.com/
Logo TRIPATH - Tripath Technology Inc.

TC2001 Datasheet(HTML) 6 Page - Tripath Technology Inc.

Back Button TC2001 Datasheet HTML 2Page - Tripath Technology Inc. TC2001 Datasheet HTML 3Page - Tripath Technology Inc. TC2001 Datasheet HTML 4Page - Tripath Technology Inc. TC2001 Datasheet HTML 5Page - Tripath Technology Inc. TC2001 Datasheet HTML 6Page - Tripath Technology Inc. TC2001 Datasheet HTML 7Page - Tripath Technology Inc. TC2001 Datasheet HTML 8Page - Tripath Technology Inc. TC2001 Datasheet HTML 9Page - Tripath Technology Inc. TC2001 Datasheet HTML 10Page - Tripath Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 34 page
background image
Tr i p ath Technol ogy, I n c. - Techni cal I n for m ati on
6
TK2150 – Rev. 1.0/12.02
TC2001 Pinout
REF
VNNSENSE
VPPSENSE
AGND
OAOUT1
MUTE
BBM1
BBM0
OAOUT2
INV2
FBKGND2
OCD2
Y2
Y2B
Y1B
Y1
HMUTE
FBKOUT1
FBKGND1
VPWR
FBKOUT2
DCMP
1
15
14
13
11
10
12
9
8
7
6
5
4
3
2
28-pin SOIC
(Top View)
16
17
18
BIASCAP
INV1
V5
OVRLDB
OCD1
NC
21
20
19
22
23
24
25
26
27
28
TP2150 Pinout
NC
NC
OCS2LP
NC
NC
NC
OCS1LN
OCS1LP
NC
NC
52
26
58
57
55
54
56
53
64-pin LQFP
(Top View)
27
28
29
NC
OCS2LN
VBOOT2
VBOOT1
32
31
30
NC
SLEEP
NC
SMPSO
SW -FB
64
63
61
60
62
59
NC
NC
NC
NC
NC
20
21
22
23
NC
NC
25
24
1
14
13
11
10
12
9
8
7
6
5
4
3
2
19
17
16
18
15
45 44
42 41
43
40 39 38 37 36 35 34 33
51 50
48 47
49
46



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com