Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC2001 Datasheet(PDF) 30 Page - Tripath Technology Inc.

Part # TC2001
Description  STEREO 200W CLASS-T DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSING TECHNOLOGY
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPATH [Tripath Technology Inc.]
Direct Link  http://www.etelos.com/
Logo TRIPATH - Tripath Technology Inc.

TC2001 Datasheet(HTML) 30 Page - Tripath Technology Inc.

Back Button TC2001 Datasheet HTML 26Page - Tripath Technology Inc. TC2001 Datasheet HTML 27Page - Tripath Technology Inc. TC2001 Datasheet HTML 28Page - Tripath Technology Inc. TC2001 Datasheet HTML 29Page - Tripath Technology Inc. TC2001 Datasheet HTML 30Page - Tripath Technology Inc. TC2001 Datasheet HTML 31Page - Tripath Technology Inc. TC2001 Datasheet HTML 32Page - Tripath Technology Inc. TC2001 Datasheet HTML 33Page - Tripath Technology Inc. TC2001 Datasheet HTML 34Page - Tripath Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 30 / 34 page
background image
Tr i p ath Technol ogy, I n c. - Techni cal In fo rma t io n
30
TK2150 – Rev. 1.0/12.02
spectrum and typically varies between 200kHz and 1.5MHz, which is well above the 20Hz –
22kHz audio band. The pattern itself does not alter or distort the audio input signal but it does
introduce some inaudible noise components.
The measurements of certain performance parameters, particularly those that have anything to
do with noise, like THD+N, are significantly affected by the design of the low-pass filter used on
the output of the TK2150 and also the bandwidth setting of the measurement instrument used.
Unless the filter has a very sharp roll-off just past the audio band or the bandwidth of the
measurement instrument ends there, some of the inaudible noise components introduced by the
Tripath amplifier switching pattern will get integrated into the measurement, degrading it.
Tripath amplifiers do not require large multi-pole filters to achieve excellent performance in
listening tests, usually a more critical factor than performance measurements. Though using a
multi-pole filter may remove high-frequency noise and improve THD+N type measurements
(when they are made with wide-bandwidth measuring equipment), these same filters can
increase distortion due to inductor non-linearity.
Multi-pole filters require relatively large
inductors, and inductor non-linearity increases with inductor value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com