Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC2001 Datasheet(PDF) 7 Page - Tripath Technology Inc.

Part # TC2001
Description  STEREO 200W CLASS-T DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSING TECHNOLOGY
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPATH [Tripath Technology Inc.]
Direct Link  http://www.etelos.com/
Logo TRIPATH - Tripath Technology Inc.

TC2001 Datasheet(HTML) 7 Page - Tripath Technology Inc.

Back Button TC2001 Datasheet HTML 3Page - Tripath Technology Inc. TC2001 Datasheet HTML 4Page - Tripath Technology Inc. TC2001 Datasheet HTML 5Page - Tripath Technology Inc. TC2001 Datasheet HTML 6Page - Tripath Technology Inc. TC2001 Datasheet HTML 7Page - Tripath Technology Inc. TC2001 Datasheet HTML 8Page - Tripath Technology Inc. TC2001 Datasheet HTML 9Page - Tripath Technology Inc. TC2001 Datasheet HTML 10Page - Tripath Technology Inc. TC2001 Datasheet HTML 11Page - Tripath Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 34 page
background image
Tr i p ath Technol ogy, I n c. - Techni cal I n for m ati on
7
TK2150 – Rev. 1.0/12.02
TC2001 Audio Signal Processor Pin Descriptions
Pin
Function
Description
1
BIASCAP
Bandgap reference times two (typically 2.5VDC). Used to set the
common mode voltage for the input op amps. This pin is not capable of
driving external circuitry.
2, 6
FBKGND2,
FBKGND1
Ground Kelvin feedback (Channels 1 & 2)
3
DCMP
Internal mode selection. This pin must be grounded for proper device
operation.
4, 7
FBKOUT2,
FBKOUT1
Switching feedback (Channels 1 & 2)
5
VPWR
Test pin. Must be left floating.
8
HMUTE
Logic output. A logic high indicates both amplifiers are muted, due to the
mute pin state, or a “fault”.
9, 12
Y1, Y2
Non-inverted switching modulator outputs.
10, 11
Y1B, Y2B
Inverted switching modulator outputs.
13
NC
No connect
14
OCD2
Over Current Detect input.
15
REF
Internal bandgap reference voltage; approximately 1.2 VDC.
16
OCD1
Over Current Detect input.
17
VNNSENSE
Negative supply voltage sense input. This pin is used for both over and
under voltage sensing for the VNN supply.
18
OVRLDB
A logic low output indicates the input signal has overloaded the amplifier.
19
VPPSENSE
Positive supply voltage sense input. This pin is used for both over and
under voltage sensing for the VPP supply.
20
AGND
Ground.
21
V5
5 Volt power supply input.
22, 27
OAOUT1, OAOUT2
Input stage output pins.
23, 28
IN1, IN2
Single-ended inputs. Inputs are a “virtual” ground of an inverting opamp
with approximately 2.4VDC bias.
24
MUTE
When set to logic high, both amplifiers are muted and in idle mode.
When low (grounded), both amplifiers are fully operational. If left floating,
the device stays in the mute mode. Ground if not used.
25, 26
BBM1, BBM0
Break-before-make timing control to prevent shoot-through in the output
MOSFETs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com