Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC2001 Datasheet(PDF) 1 Page - Tripath Technology Inc.

Part # TC2001
Description  STEREO 200W CLASS-T DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSING TECHNOLOGY
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPATH [Tripath Technology Inc.]
Direct Link  http://www.etelos.com/
Logo TRIPATH - Tripath Technology Inc.

TC2001 Datasheet(HTML) 1 Page - Tripath Technology Inc.

  TC2001 Datasheet HTML 1Page - Tripath Technology Inc. TC2001 Datasheet HTML 2Page - Tripath Technology Inc. TC2001 Datasheet HTML 3Page - Tripath Technology Inc. TC2001 Datasheet HTML 4Page - Tripath Technology Inc. TC2001 Datasheet HTML 5Page - Tripath Technology Inc. TC2001 Datasheet HTML 6Page - Tripath Technology Inc. TC2001 Datasheet HTML 7Page - Tripath Technology Inc. TC2001 Datasheet HTML 8Page - Tripath Technology Inc. TC2001 Datasheet HTML 9Page - Tripath Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 34 page
background image
Tr i p ath Technol ogy, I n c. - Techni cal I n for m ati on
1
TK2150 – Rev. 1.0/12.02
TK2150
STEREO 200W (6
Ω) CLASS-T DIGITAL AUDIO AMPLIFIER DRIVER
USING DIGITAL POWER PROCESSINGTM TECHNOLOGY
Technical Information - Preliminary
Rev i sion 1.0 – December 2002
GENERAL DESCRIPTION
T he T K 2150 (T C2001/T P 2150 chipset) is a tw o-channel, 200W (6
Ω ) per channel Amplifier
Driver that uses T r ip ath’s proprietary Digital Pow e r Processing (DPP
TM ) technology .
Class-T amplifiers offer both the audio fidelit y of Class-AB and the pow er efficiency of
Class-D amplifiers.
Applications
Powered DVD Players
Audio/Video Amplifiers & Receivers
Automobile Power Amplifiers
Subwoofer Amplifiers
Pro-audio Amplifiers
Benefits
Reduced system cost with smaller/less
expensive power supply and heat sink
Signal fidelity equal to high quality
Class-AB amplifiers
High dynamic range compatible with
digital media such as CD and DVD
Features
Class-T architecture
Pin compatible with Tripath TK2350 Chipset
Proprietary Digital Power Processing technology
“Audiophile” Sound Quality
0.012% THD+N @ 60W, 8
Ω
0.02% IHF-IM @ 30W, 8
Ω
High Efficiency
93% @ 120W @ 8
Ω
91% @ 150W @ 6
Ω
Supports wide range of output power levels
Up to 200W/channel (6
Ω), single-ended outputs,
@+/- 45V
Up to 400W (8
Ω), bridged outputs, @+/- 30V
Output over-current protection
Over- and under-voltage protection
Over-temperature protection
Typical Performance for TK2150
THD+N versus Output Power versus Supply Voltage
0.001
10
0.002
0.005
0.01
0.02
0.05
0.1
0.2
0.5
1
2
5
%
2
200
5
10
20
50
100
W
R
L = 6Ω
Vs = +35V, +40V, +45V
f = 1kHz
BBM = 40nS
BW = 22hZ - 20kHz(AES17)
NOTE: +45V test uses R
FBC= 11k Ω
(see Application/ Test Circuit)
1


Similar Part No. - TC2001

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
TC200 UTC-TC200 Datasheet
72Kb / 3P
EPITAXIAL PLANAR NPN TRANSISTOR
logo
Tripath Technology Inc.
TC2000 TRIPATH-TC2000 Datasheet
202Kb / 9P
STEREO CLASS-T??AUDIO CONTROLLER USING DIGITAL POWER PROCESSING (DPP?? TECHNOLOGY
logo
List of Unclassifed Man...
TC2002A ETC-TC2002A Datasheet
121Kb / 1P
EXTERNAL DIMENSIONS AND DISPLAY PATTERN
TC2002AL ETC-TC2002AL Datasheet
121Kb / 1P
EXTERNAL DIMENSIONS AND DISPLAY PATTERN
logo
Unisonic Technologies
TC200G-Y-T92-B UTC-TC200G-Y-T92-B Datasheet
72Kb / 3P
EPITAXIAL PLANAR NPN TRANSISTOR
More results

Similar Description - TC2001

ManufacturerPart #DatasheetDescription
logo
Tripath Technology Inc.
TA2020-020 TRIPATH-TA2020-020 Datasheet
293Kb / 13P
Stereo 20W (4?? Class-T Digital Audio Amplifier using Digital Power Processing Technology
TA2024 TRIPATH-TA2024 Datasheet
467Kb / 14P
Stereo 10W (4?? Class-T??Digital Audio Amplifier using Digital Power Processing??Technology
TA1101B TRIPATH-TA1101B Datasheet
202Kb / 13P
Stereo 10W (4?? Class-T??Digital Audio Amplifier using Digital Power Processing??Technology
TDA2500 TRIPATH-TDA2500 Datasheet
313Kb / 29P
STEREO CLASS-T DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSING (DPP) TECHNOLOGY
TK2070 TRIPATH-TK2070 Datasheet
422Kb / 21P
STEREO 70W (4Ohm) CLASS-T DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSING (DPP) TECHNOLOGY
TA0105A TRIPATH-TA0105A Datasheet
359Kb / 29P
STEREO CLASS-T DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSING (DPPTM ) TECHNOLOGY
TA2022 TRIPATH-TA2022 Datasheet
420Kb / 31P
STEREO 90W (4?? CLASS-T??DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSING (DPP?? TECHNOLOGY
TA2024B TRIPATH-TA2024B Datasheet
538Kb / 14P
STEREO 15W (4?? CLASS-T??DIGITAL AUDIO AMPLIFIER USING DIGITAL POWER PROCESSING??TECHNOLOGY
TA2024C TRIPATH-TA2024C Datasheet
395Kb / 18P
STEREO 15W (4?? CLASS-T??DIGITAL AUDIO AMPLIFIER USING DIGITAL POWER PROCESSING??TECHNOLOGY
TAA2008 TRIPATH-TAA2008 Datasheet
354Kb / 18P
STEREO 9W (8?? CLASS-T??DIGITAL AUDIO AMPLIFIER USING DIGITAL POWER PROCESSING??TECHNOLOGY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com