Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC2001 Datasheet(PDF) 10 Page - Tripath Technology Inc.

Part # TC2001
Description  STEREO 200W CLASS-T DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSING TECHNOLOGY
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPATH [Tripath Technology Inc.]
Direct Link  http://www.etelos.com/
Logo TRIPATH - Tripath Technology Inc.

TC2001 Datasheet(HTML) 10 Page - Tripath Technology Inc.

Back Button TC2001 Datasheet HTML 6Page - Tripath Technology Inc. TC2001 Datasheet HTML 7Page - Tripath Technology Inc. TC2001 Datasheet HTML 8Page - Tripath Technology Inc. TC2001 Datasheet HTML 9Page - Tripath Technology Inc. TC2001 Datasheet HTML 10Page - Tripath Technology Inc. TC2001 Datasheet HTML 11Page - Tripath Technology Inc. TC2001 Datasheet HTML 12Page - Tripath Technology Inc. TC2001 Datasheet HTML 13Page - Tripath Technology Inc. TC2001 Datasheet HTML 14Page - Tripath Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 34 page
background image
Tr i p ath Technol ogy, I n c. - Techni cal I n for m ati on
10
TK2150 – Rev. 1.0/12.02
External Components Description (Refer to the Application/Test Circuit)
Components Description
RI
Inverting input resistance to provide AC gain in conjunction with RF. This input is
biased at the BIASCAP voltage (approximately 2.5VDC).
RF
Feedback resistor to set AC gain in conjunction with RI. Please refer to the Amplifier
Gain paragraph, in the Application Information section.
CI
AC input coupling capacitor which, in conjunction with RI, forms a highpass filter at
)
C
R
2
(
1
f
I
I
C
π
=
.
RFBA
Feedback divider resistor connected to V5. This resistor is normally set at 1k
Ω.
RFBB
Feedback divider resistor connected to AGND. This value of this resistor depends
on the supply voltage setting and helps set the TK2150 gain in conjunction with RI,
RF, RFBA, and RFBC. Please see the Modulator Feedback Design paragraphs in the
Application Information Section.
RFBC
Feedback resistor connected from either the OUT1(OUT2) to FBKOUT1(FBKOUT2)
or speaker ground to FBKGND1(FBKGND2). The value of this resistor depends on
the supply voltage setting and helps set the TK2150 gain in conjunction with RI, RF,
RFBA,, and RFBB. It should be noted that the resistor from OUT1(OUT2) to
FBKOUT1(FBKOUT2) must have a power rating of greater than
)
(2R
VPP
P
FBC
2
DISS =
.
Please see the Modulator Feedback Design paragraphs in the Application
Information Section.
CFB
Feedback delay capacitor that both lowers the idle switching frequency and filters
very high frequency noise from the feedback signal, which improves amplifier
performance. The value of CFB should be offset between channel 1 and channel 2
so that the idle switching difference is greater than 40kHz. Please refer to the
Application / Test Circuit.
ROFA
Potentiometer used to manually trim the DC offset on the output of the TK2350.
ROFB
Resistor that limits the manual DC offset trim range and allows for more precise
adjustment.
RREF
Bias resistor. Locate close to pin 15 of the TC2001 and ground at pin 20 of the
TC2001.
CA
BIASCAP decoupling capacitor. Should be located close to pin 1 of the TC2001 and
grounded at pin 20 of the TC2001.
DB
Bootstrap diode. This diode charges up the bootstrap capacitors when the output is
low (at VNN) to drive the high side gate circuitry. A fast or ultra fast recovery diode
is recommended for the bootstrap circuitry. In addition, the bootstrap diode must be
able to sustain the entire VPP-VNN voltage. Thus, for most applications, a 150V (or
greater) diode should be used.
CB
High frequency bootstrap capacitor, which filters the high side gate drive supply.
This capacitor must be located as close to VBOOT1 (pin 57 of the TP2150) or
VBOOT2 (pin 27 of the TP2150) for reliable operation. The “negative” side of CB
should be connected directly to the HO1COM (pin 47 of the TP2150) or HO2COM
(pin 37 of the TP2150). Please refer to the Application / Test Circuit.
CBAUX
Bulk bootstrap capacitor that supplements CB during “clipping” events, which result
in a reduction in the average switching frequency.
RB
Bootstrap resistor that limits CBAUX charging current during TK2150 power up
(bootstrap supply charging).
CS
Supply decoupling for the power supply pins. For optimum performance, these
components should be located close to the TC2001 and TP2150 and returned to
their respective ground as shown in the Application/Test Circuit.
RVNN1
Main overvoltage and undervoltage sense resistor for the negative supply (VNN).
Please refer to the Electrical Characteristics Section for the trip points as well as the
hysteresis band. Also, please refer to the Over / Under-voltage Protection section in
the Application Information for a detailed discussion of the internal circuit operation
and external component selection.
RVNN2
Secondary overvoltage and undervoltage sense resistor for the negative supply
(VNN). This resistor accounts for the internal VNNSENSE bias of 1.25V. Nominal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com