Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC2001 Datasheet(PDF) 27 Page - Tripath Technology Inc.

Part # TC2001
Description  STEREO 200W CLASS-T DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSING TECHNOLOGY
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPATH [Tripath Technology Inc.]
Direct Link  http://www.etelos.com/
Logo TRIPATH - Tripath Technology Inc.

TC2001 Datasheet(HTML) 27 Page - Tripath Technology Inc.

Back Button TC2001 Datasheet HTML 23Page - Tripath Technology Inc. TC2001 Datasheet HTML 24Page - Tripath Technology Inc. TC2001 Datasheet HTML 25Page - Tripath Technology Inc. TC2001 Datasheet HTML 26Page - Tripath Technology Inc. TC2001 Datasheet HTML 27Page - Tripath Technology Inc. TC2001 Datasheet HTML 28Page - Tripath Technology Inc. TC2001 Datasheet HTML 29Page - Tripath Technology Inc. TC2001 Datasheet HTML 30Page - Tripath Technology Inc. TC2001 Datasheet HTML 31Page - Tripath Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 34 page
background image
Tr i p ath Technol ogy, I n c. - Techni cal In fo rma t io n
27
TK2150 – Rev. 1.0/12.02
THD+N versus Frequency versus Gate Resistance
0.001
10
0.002
0.005
0.01
0.02
0.05
0.1
0.2
0.5
1
2
5
%
20
20k
50
100
200
500
1k
2k
5k
10k
Hz
R
L = 6Ω
Pout = 25W /Channel
FET's = FQP13N10
f = 1kHz
BBM = 40nS
V
S = + 40V
BW = 22Hz - 22kHz
R
G = 22 Ω
R
G = 33 Ω
R
G = 46.4 Ω
THD+N versus Frequency versus Gate Resistance
0.001
10
0.002
0.005
0.01
0.02
0.05
0.1
0.2
0.5
1
2
5
%
20
20k
50
100
200
500
1k
2k
5k
10k
Hz
R
L = 8Ω
Pout = 20W /Channel
FET's = FQP13N10
f = 1kHz
BBM = 40nS
V
S = +40V
BW = 22Hz - 22kHz
R
G = 22 Ω
R
G = 33 Ω
R
G = 46.4 Ω
6 ohm and 8 ohm plots of THD+N versus Frequency for various gate resistor values
6 ohms
8 ohms
22 ohms
18mA
18mA
33 ohms
20mA
20mA
46.4 ohms
80mA
80mA
Table 2: Idle current draw for VPP with various gate resistor values
Application Information – Recommended MOSFETs
Part Number Recommended Max
Supply Voltage
Typical Load at
Maximum Supply
Recommended
Gate Resistor
Other applications
IRF520N
+/-45V
8 ohm SE
22 ohms
Only for 8 ohm SE Loads
FQP13N10
+/-45V
6 ohm SE
33 ohms
6 ohm BR at +/25V
8 ohm BR at +/-33V
STP14NF10
+/-45V
6 ohm SE
33 ohms
6 ohm BR at +/-25V
8 ohm BR at +/-33V
IRF530N
+/-45V
4 ohm SE / 8 ohm BR
15 ohms
6 ohm BR at +/-33V
BUK7575-100A
+/-45V
4 ohm SE / 6 ohm BR
15 ohms
4 ohm BR at +/-33V
STP24NF10
+/-45V
4 ohm SE / 6 ohm BR
10 ohms
4 ohm BR at +/-35V
SE stands for Single Ended Outputs and BR stands for Bridged Output
MOSFETs Under Evaluation
The following MOSFETs appear to be suitable for use with the TK2150, and we are waiting for
samples to evaluate. Most of these devices come from the same “family” or generation, as other
recommended MOSFETs. However, experience tells us that we cannot recommend any devices
until we have received samples and fully tested them.
Device Information – MOSFETs Under Evaluation
Part Number
Manufacturer
BVDSS (V)
ID (A)
Qg (nC)
RDS(on) (Ω)
PD (W)
Package
FQP14N15
Fairchild Semiconductor
150
14.4
18
.164
104
T0220
FQP16N15
Fairchild Semiconductor
150
16.4
23
0.123
108
TO220
FDP2572
Fairchild Semiconductor
150
29
27
0.045
135
TO247
FDP3682
Fairchild Semiconductor
100
32
18.5
0.032
95
TO220
Note: The devices are listed in ascending current capability not in order of recommendation.
Output Filter Design
One advantage of Tripath amplifiers over PWM solutions is the ability to use higher-cutoff-
frequency filters. This means load-dependent peaking/droop in the 20kHz audio band potentially
caused by the filter can be made negligible. This is especially important for applications where
the user may select a 6-Ohm or 8-Ohm speaker. Furthermore, speakers are not purely resistive



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com