Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC2001 Datasheet(PDF) 23 Page - Tripath Technology Inc.

Part # TC2001
Description  STEREO 200W CLASS-T DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSING TECHNOLOGY
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPATH [Tripath Technology Inc.]
Direct Link  http://www.etelos.com/
Logo TRIPATH - Tripath Technology Inc.

TC2001 Datasheet(HTML) 23 Page - Tripath Technology Inc.

Back Button TC2001 Datasheet HTML 19Page - Tripath Technology Inc. TC2001 Datasheet HTML 20Page - Tripath Technology Inc. TC2001 Datasheet HTML 21Page - Tripath Technology Inc. TC2001 Datasheet HTML 22Page - Tripath Technology Inc. TC2001 Datasheet HTML 23Page - Tripath Technology Inc. TC2001 Datasheet HTML 24Page - Tripath Technology Inc. TC2001 Datasheet HTML 25Page - Tripath Technology Inc. TC2001 Datasheet HTML 26Page - Tripath Technology Inc. TC2001 Datasheet HTML 27Page - Tripath Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 34 page
background image
Tr i p ath Technol ogy, I n c. - Techni cal In fo rma t io n
23
TK2150 – Rev. 1.0/12.02
VPPSENSE (pin 19) performs the over and undervoltage sensing for the positive supply, VPP.
VNNSENSE (pin 17) performs the same function for the negative rail, VNN. When the current
through RVPPSENSE (or RVNNSENSE) goes below or above the values shown in the Electrical
Characteristics section (caused by changing the power supply voltage), the TK2150 will be
muted. VPPSENSE is internally biased at 2.5V and VNNSENSE is biased at 1.25V.
Once the supply comes back into the supply voltage operating range (as defined by the supply
sense resistors), the TK2150 will automatically be unmuted and will begin to amplify. There is a
hysteresis range on both the VPPSENSE and VNNSENSE pins. If the amplifier is powered up in
the hysteresis band the TK2150 will be muted. Thus, the usable supply range is the difference
between the over-voltage turn-off and under-voltage turn-off for both the VPP and VNN supplies.
It should be noted that there is a timer of approximately 200mS with respect to the over and
under voltage sensing circuit. Thus, the supply voltage must be outside of the user defined
supply range for greater than 200mS for the TK2150 to be muted.
Figure 5 shows the proper connection for the Over / Under voltage sense circuit for both the
VPPSENSE and VNNSENSE pins.
R
VPP1
VNN
19
17
R
VNN1
R
VPP1
V5
R
VNN2
VPPSENSE
VNNSENSE
VPP
V5
TC2001
Figure 5: Over / Under voltage sense circuit
The equation for calculating RVPP1 is as follows:
VPPSENSE
VPP1
I
VPP
R
=
Set
VPP1
VPP2
R
R
=
.
The equation for calculating RVNNSENSE is as follows:
VNNSENSE
VNN1
I
VNN
R
=
Set
VNN1
VNN2
R
3
R
×
=
.
IVPPSENSE or IVNNSENSE can be any of the currents shown in the Electrical Characteristics
table for VPPSENSE and VNNSENSE, respectively.
The two resistors, RVPP2 and RVNN2 compensate for the internal bias points. Thus, RVPP1 and
RVNN1 can be used for the direct calculation of the actual VPP and VNN trip voltages without
considering the effect of RVPP2 and RVNN2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com