Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC2001 Datasheet(PDF) 2 Page - Tripath Technology Inc.

Part # TC2001
Description  STEREO 200W CLASS-T DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSING TECHNOLOGY
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPATH [Tripath Technology Inc.]
Direct Link  http://www.etelos.com/
Logo TRIPATH - Tripath Technology Inc.

TC2001 Datasheet(HTML) 2 Page - Tripath Technology Inc.

  TC2001 Datasheet HTML 1Page - Tripath Technology Inc. TC2001 Datasheet HTML 2Page - Tripath Technology Inc. TC2001 Datasheet HTML 3Page - Tripath Technology Inc. TC2001 Datasheet HTML 4Page - Tripath Technology Inc. TC2001 Datasheet HTML 5Page - Tripath Technology Inc. TC2001 Datasheet HTML 6Page - Tripath Technology Inc. TC2001 Datasheet HTML 7Page - Tripath Technology Inc. TC2001 Datasheet HTML 8Page - Tripath Technology Inc. TC2001 Datasheet HTML 9Page - Tripath Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 34 page
background image
Tr i p ath Technol ogy, I n c. - Techni cal I n for m ati on
2
TK2150 – Rev. 1.0/12.02
Absolute Maximum Ratings TC2001 (Note 1)
SYMBOL
PARAMETER
Value
UNITS
V5
5V Power Supply
6
V
Vlogic
Input Logic Level
V5+0.3V
V
TA
Operating Free-air Temperature Range
-40° to +85°
°C
TSTORE
Storage Temperature Range
-55° to 150°
°C
TJMAX
Maximum Junction Temperature
150°
°C
ESDHB
ESD Susceptibility – Human Body Model (Note 2)
All pins
2000
V
Note 1: Absolute Maximum Ratings indicate limits beyond which damage to the device may occur.
See the table below for Operating Conditions.
Note 2: Human body model, 100pF discharged through a 1.5K
Ω resistor.
Absolute Maximum Ratings TP2150 (Note 3)
SYMBOL
PARAMETER
Value
UNITS
VPP, VNN
Supply Voltage
+/- 65
V
VN10
Voltage for FET drive
VNN+13
V
TSTORE
Storage Temperature Range
-55º to 150º
°C
TA
Operating Free-air Temperature Range (Note 4)
-40º to 85º
°C
TJ
Junction Temperature
150º
°C
ESDHB
ESD Susceptibility – Human Body Model (Note 5)
All pins
2000
V
ESDMM
ESD Susceptibility – Machine Model (Note 6)
All pins
TBD
V
Note 3: Absolute Maximum Ratings indicate limits beyond which damage to the device may occur.
See the table below for Operating Conditions.
Note 4: This is a target specification. Characterization is still needed to validate this temperature range.
Note 5: Human body model, 100pF discharged through a 1.5K
Ω resistor.
Note 6: Machine model, 220pF – 240pF discharged through all pins.
Operating Conditions TC2001 (Note 7)
SYMBOL
PARAMETER
MIN.
TYP.
MAX.
UNITS
V5
Supply Voltage
4.5
5
5.5
V
VHI
Logic Input High
V5-1.0
V
VLO
Logic Input Low
1
V
TA
Operating Temperature Range
-40
°
25
°
85
°
°C
Note 7: Recommended Operating Conditions indicate conditions for which the device is functional.
See Electrical Characteristics for guaranteed specific performance limits.
Operating Conditions TP2150 (Note 8)
SYMBOL
PARAMETER
MIN.
TYP.
MAX.
UNITS
VPP, VNN
Supply Voltage
+/- 15
+/-30
+/- 60
V
VN10
Voltage for FET drive (Volts above VNN)
9
10
12
V
Note 8: Recommended Operating Conditions indicate conditions for which the device is functional.
See Electrical Characteristics for guaranteed specific performance limits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com