Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7653ACPZ Datasheet(PDF) 4 Page - Analog Devices

Part # AD7653ACPZ
Description  16-Bit 1 MSPS PulSAR Unipolar ADC with Reference
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7653ACPZ Datasheet(HTML) 4 Page - Analog Devices

  AD7653ACPZ Datasheet HTML 1Page - Analog Devices AD7653ACPZ Datasheet HTML 2Page - Analog Devices AD7653ACPZ Datasheet HTML 3Page - Analog Devices AD7653ACPZ Datasheet HTML 4Page - Analog Devices AD7653ACPZ Datasheet HTML 5Page - Analog Devices AD7653ACPZ Datasheet HTML 6Page - Analog Devices AD7653ACPZ Datasheet HTML 7Page - Analog Devices AD7653ACPZ Datasheet HTML 8Page - Analog Devices AD7653ACPZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 27 page
background image
Data Sheet
AD7653
Rev. C | Page 3 of 26
SPECIFICATIONS
Table 2. –40°C to +85°C, AVDD = DVDD = 5 V, OVDD = 2.7 V to 5.25 V, unless otherwise noted
Parameter
Conditions
Min
Typ
Max
Unit
RESOLUTION
16
Bits
ANALOG INPUT
Voltage Range
VIN – VINGND
0
VREF
V
Operating Input Voltage
VIN
–0.1
+3
V
VINGND
–0.1
+0.5
V
Analog Input CMRR
fIN = 10 kHz
65
dB
Input Current
1 MSPS Throughput
12
µA
Input Impedance1
THROUGHPUT SPEED
Complete Cycle
In Warp Mode
1
µs
Throughput Rate
In Warp Mode
1
1000
kSPS
Time between Conversions
In Warp Mode
1
ms
Complete Cycle
In Normal Mode
1.25
µs
Throughput Rate
In Normal Mode
0
800
kSPS
Complete Cycle
In Impulse Mode
1.5
µs
Throughput Rate
In Impulse Mode
0
666
kSPS
DC ACCURACY
Integral Linearity Error
–6
+6
LSB2
No Missing Codes
15
Bits
Differential Linearity Error
–2
+3
LSB
Transition Noise
0.7
LSB
Unipolar Zero Error, TMIN to TMAX3
±25
LSB
Unipolar Zero Error Temperature Drift
±0.2
ppm/°C
Full-Scale Error, TMIN to TMAX3
REF = 2.5 V
±0.12
% of FSR
Full-Scale Error Temperature Drift
±0.4
ppm/°C
Power Supply Sensitivity
AVDD = 5 V ± 5%, with REF
±2
LSB
AC ACCURACY
Signal-to-Noise
fIN = 100 kHz
86
dB4
Spurious Free Dynamic Range
fIN = 100 kHz
98
dB
Total Harmonic Distortion
fIN = 45 kHz
–98
dB
fIN = 100 kHz
–96
dB
Signal-to-(Noise + Distortion)
fIN = 100 kHz
86
dB
–60 dB Input, fIN = 100 kHz
30
dB
–3 dB Input Bandwidth
12
MHz
SAMPLING DYNAMICS
Aperture Delay
2
ns
Aperture Jitter
5
ps rms
Transient Response
Full-Scale Step
250
ns
REFERENCE
Internal Reference Voltage
VREF @ 25°C
2.48
2.50
2.52
V
Internal Reference Temperature Drift
–40°C to +85°C
±7
ppm/°C
Line Regulation
AVDD = 5 V ± 5%
±24
ppm/V
Turn-On Settling Time
CREF = 10 µF
5
ms
Temperature Pin
Voltage Output @ 25°C
300
mV
Temperature Sensitivity
1
mV/°C
Output Resistance
4.3
kΩ
External Reference Voltage Range
2.3
2.5
AVDD – 1.85
V
External Reference Current Drain
1 MSPS Throughput
300
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com