Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7653ACPZ Datasheet(PDF) 1 Page - Analog Devices

Part # AD7653ACPZ
Description  16-Bit 1 MSPS PulSAR Unipolar ADC with Reference
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7653ACPZ Datasheet(HTML) 1 Page - Analog Devices

  AD7653ACPZ Datasheet HTML 1Page - Analog Devices AD7653ACPZ Datasheet HTML 2Page - Analog Devices AD7653ACPZ Datasheet HTML 3Page - Analog Devices AD7653ACPZ Datasheet HTML 4Page - Analog Devices AD7653ACPZ Datasheet HTML 5Page - Analog Devices AD7653ACPZ Datasheet HTML 6Page - Analog Devices AD7653ACPZ Datasheet HTML 7Page - Analog Devices AD7653ACPZ Datasheet HTML 8Page - Analog Devices AD7653ACPZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
16-Bit 1 MSPS PulSAR
Unipolar ADC with Reference
Data Sheet
AD7653
Rev. C
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2003–2017 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
Throughput:
1 MSPS (Warp mode)
800 kSPS (Normal mode)
666 kSPS (Impulse mode)
16-bit resolution
Analog input voltage range: 0 V to 2.5 V
No pipeline delay
Parallel and serial 5 V/3 V interface
SPI®/QSPITM/MICROWIRETM/DSP compatible
Single 5 V supply operation
Power dissipation
92 mW typ @ 666 kSPS, 138 µW @ 1 kSPS without REF
128 mW typ @ 1 MSPS with REF
48-lead LQFP and 48-lead LFCSP packages
Pin-to-pin compatible with PulSAR ADCs
APPLICATIONS
Data acquisition
Instrumentation
Digital signal processing
Spectrum analysis
Medical instruments
Battery-powered systems
Process control
GENERAL DESCRIPTION
The AD7653 is a 16-bit, 1 MSPS, charge redistribution SAR
analog-to-digital converter that operates from a single 5 V
power supply. The part contains a high speed 16-bit sampling
ADC, internal conversion clock, internal reference, error
correction circuits, and both serial and parallel system interface
ports. It features a very high sampling rate mode (Warp), a fast
mode (Normal) for asynchronous conversion rate applications,
and a reduced power mode (Impulse) for low power applica-
tions where power is scaled with the throughput. The AD7653
is fabricated using Analog Devices’ high performance, 0.6
micron CMOS process, with correspondingly low cost. It is
available in a 48-lead LQFP and a tiny 48-lead LFCSP with
operation specified from –40°C to +85°C.
FUNCTIONAL BLOCK DIAGRAM
02966-0-001
SWITCHED
CAP DAC
16
CONTROL LOGIC AND
CALIBRATION CIRCUITRY
CLOCK
AD7653
DATA[15:0]
BUSY
RD
CS
SER/PAR
OB/2C
OGND
OVDD
DGND
DVDD
AVDD
AGND
REF REFGND
IN
INGND
PD
RESET
SERIAL
PORT
PARALLEL
INTERFACE
CNVST
WARP IMPULSE
REF
REFBUFIN
PDBUF
PDREF
BYTESWAP
Figure 1.
Table 1. PulSAR™ Selection
Type/kSPS
100–250
500–570
800–
1000
Pseudo-
Differential
AD7651
AD7660/AD7661
AD7650/AD7652
AD7664/AD7666
AD7653
AD7667
True Bipolar
AD7663
AD7666
AD7671
True
Differential
AD7675
AD7676
AD7677
18-Bit
AD7678
AD7679
AD7674
Multichannel/
Simultaneous
AD7654
AD7655
PRODUCT HIGHTLIGHTS
1. Fast Throughput.
The AD7653 is a 1 MSPS, charge redistribution, 16-bit SAR
ADC with internal error correction circuitry.
2. Internal Reference.
The AD7653 has an internal reference with a typical
temperature drift of 7 ppm/°C.
3. Single-Supply Operation.
The AD7653 operates from a single 5 V supply. In Impulse
mode, its power dissipation decreases with the throughput.
4. Serial or Parallel Interface.
Versatile parallel or 2-wire serial interface arrangement is
compatible with both 3 V and 5 V logic.


Similar Part No. - AD7653ACPZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7653 AD-AD7653 Datasheet
336Kb / 23P
16-Bit 1 MSPS SAR Unipolar ADC with Ref
AD7653 AD-AD7653 Datasheet
818Kb / 32P
16-Bit, 750 kSPS, Unipolar/Bipolar Programmable Input PulSAR ADC
10/06-Revision 0
AD7653 AD-AD7653 Datasheet
820Kb / 32P
16-Bit, 250 kSPS, Unipolar/Bipolar Programmable Input PulSAR ADC
10/06-Revision 0
AD7653 AD-AD7653 Datasheet
1Mb / 28P
18-Bit, 2.5 LSB INL, 800 kSPS SAR ADC
7/03-Revision 0
AD7653 AD-AD7653 Datasheet
868Kb / 32P
14-Bit, 1 MSPS, Differential, Programmable Input PulSAR ADC
REV. 0
More results

Similar Description - AD7653ACPZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7667 AD-AD7667 Datasheet
336Kb / 23P
16-Bit 1 MSPS SAR Unipolar ADC with Ref
AD7951BSTZ AD-AD7951BSTZ Datasheet
518Kb / 32P
14-Bit, 1 MSPS, Unipolar/Bipolar Programmable Input PulSAR ADC
REV. A
AD7652 AD-AD7652_15 Datasheet
804Kb / 28P
16-Bit 500 kSPS PulSAR Unipolar ADC with Reference
REV. 0
AD7653 AD-AD7653_15 Datasheet
809Kb / 28P
16-Bit 1 MSPS PulSAR Unipolar ADC with Reference
REV. A
AD7951 AD-AD7951 Datasheet
761Kb / 33P
14-Bit, 1 MSPS, Unipolar/Bipolar Programmable Input PulSAR ADC
23-Feb-2017
AD7667 AD-AD7667_17 Datasheet
558Kb / 29P
16-Bit 1 MSPS PulSAR Unipolar ADC with Reference
Initial Version.
AD7651 AD-AD7651_17 Datasheet
615Kb / 29P
16-Bit 100 kSPS PulSAR Unipolar ADC with Reference
0
AD7652 AD-AD7652 Datasheet
790Kb / 29P
16-Bit 500 kSPS PulSAR Unipolar ADC with Reference
0
AD7661 AD-AD7661 Datasheet
485Kb / 29P
16-Bit 100 kSPS PulSAR Unipolar ADC with Reference
0
AD7666 AD-AD7666 Datasheet
560Kb / 29P
16-Bit 500 kSPS PulSAR Unipolar ADC with Reference
0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com