Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7653ACPZ Datasheet(PDF) 11 Page - Analog Devices

Part # AD7653ACPZ
Description  16-Bit 1 MSPS PulSAR Unipolar ADC with Reference
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7653ACPZ Datasheet(HTML) 11 Page - Analog Devices

Back Button AD7653ACPZ Datasheet HTML 7Page - Analog Devices AD7653ACPZ Datasheet HTML 8Page - Analog Devices AD7653ACPZ Datasheet HTML 9Page - Analog Devices AD7653ACPZ Datasheet HTML 10Page - Analog Devices AD7653ACPZ Datasheet HTML 11Page - Analog Devices AD7653ACPZ Datasheet HTML 12Page - Analog Devices AD7653ACPZ Datasheet HTML 13Page - Analog Devices AD7653ACPZ Datasheet HTML 14Page - Analog Devices AD7653ACPZ Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 27 page
background image
AD7653
Data Sheet
Rev. C | Page 10 of 26
Pin No.
Mnemonic
Type1
Description
32
CS
DI
Chip Select. When CS and RD are both LOW, the interface parallel or serial output bus is enabled. CS
is also used to gate the external clock.
33
RESET
DI
Reset Input. When set to a logic HIGH, this pin resets the AD7653 and the current conversion, if any,
is aborted. If not used, this pin could be tied to DGND.
34
PD
DI
Power-Down Input. When set to logic HIGH, power consumption is reduced and conversions are
inhibited after the current one is completed.
35
CNVST
DI
Start Conversion. A falling edge on CNVST puts the internal sample/hold into the hold state and
initiates a conversion. In Impulse mode (IMPULSE HIGH, WARP LOW), if CNVST is held LOW when the
acquisition phase (t8) is complete, the internal sample/hold is put into the hold state and a
conversion is immediately started.
37
REF
AI/O
Reference Input Voltage. On-chip reference output voltage.
38
REFGND
AI
Reference Input Analog Ground.
39
INGND
AI
Analog Input Ground.
43
IN
AI
Primary Analog Input with a Range of 0 V to 2.5 V.
45
TEMP
AO
Temperature Sensor Voltage Output.
46
REFBUFIN
AI/O
Reference Input Voltage. The reference output and the reference buffer input.
47
PDREF
DI
This pin allows the choice of internal or external voltage references. When LOW, the on-chip
reference is turned on. When HIGH, the internal reference is switched off and an external reference
must be used.
48
PDBUF
DI
This pin allows the choice of buffering an internal or external reference with the internal buffer.
When LOW, the buffer is selected. When HIGH, the buffer is switched off.
1
AI = Analog Input; AI/O = Bidirectional Analog; AO = Analog Output; DI = Digital Input; DI/O = Bidirectional Digital; DO = Digital Output; P = Power.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com