Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7653ACPZ Datasheet(PDF) 24 Page - Analog Devices

Part # AD7653ACPZ
Description  16-Bit 1 MSPS PulSAR Unipolar ADC with Reference
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7653ACPZ Datasheet(HTML) 24 Page - Analog Devices

Back Button AD7653ACPZ Datasheet HTML 19Page - Analog Devices AD7653ACPZ Datasheet HTML 20Page - Analog Devices AD7653ACPZ Datasheet HTML 21Page - Analog Devices AD7653ACPZ Datasheet HTML 22Page - Analog Devices AD7653ACPZ Datasheet HTML 23Page - Analog Devices AD7653ACPZ Datasheet HTML 24Page - Analog Devices AD7653ACPZ Datasheet HTML 25Page - Analog Devices AD7653ACPZ Datasheet HTML 26Page - Analog Devices AD7653ACPZ Datasheet HTML 27Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 24 / 27 page
background image
Data Sheet
AD7653
Rev. C | Page 23 of 26
External Discontinuous Clock Data Read After
Conversion
Though the maximum throughput cannot be achieved using
this mode, it is the most recommended of the serial slave
modes. Figure 34 shows the detailed timing diagrams of this
method. After a conversion is complete, indicated by BUSY
returning LOW, the conversion’s result can be read while both
CS and RD are LOW. Data is shifted out MSB first with 16 clock
pulses and is valid on the rising and falling edges of the clock.
Among the advantages of this method is the fact that
conversion performance is not degraded because there are no
voltage transients on the digital interface during the conversion
process. Another advantage is the ability to read the data at any
speed up to 40 MHz, which accommodates both the slow digital
host interface and the fastest serial reading.
Finally, in this mode only, the AD7653 provides a daisy-chain
feature using the RDC/SDIN pin for cascading multiple
converters together. This feature is useful for reducing compo-
nent count and wiring connections when desired, as, for
instance, in isolated multiconverter applications.
The concatenation of two devices is shown in Figure 36.
Simultaneous sampling is possible by using a common CNVST
signal. It should be noted that the RDC/SDIN input is latched
on the edge of SCLK opposite the one used to shift out the data
on SDOUT. Thus, the MSB of the upstream converter follows
the LSB of the downstream converter on the next SCLK cycle.
SCLK
SDOUT
RDC/SDIN
BUSY
BUSY
DATA
OUT
AD7653
#1
(DOWNSTREAM)
BUSY
OUT
SCLK
AD7653
#2
(UPSTREAM)
RDC/SDIN
SDOUT
SCLK IN
CNVST IN
02966-0-019
CNVST
CS
CNVST
CS
CS IN
Figure 36. Two AD7653s in a Daisy-Chain Configuration
External Clock Data Read During Conversion
Figure 35 shows the detailed timing diagrams of this method.
During a conversion, while both CS and RD are both LOW, the
result of the previous conversion can be read. The data is shifted
out MSB first with 16 clock pulses, and is valid on both the
rising and falling edges of the clock. The 16 bits must be read
before the current conversion is complete; otherwise,
RDERROR is pulsed HIGH and can be used to interrupt the
host interface to prevent incomplete data reading. There is no
daisy-chain feature in this mode, and the RDC/SDIN input
should always be tied either HIGH or LOW.
To reduce performance degradation due to digital activity, a fast
discontinuous clock (at least 18 MHz when Impulse mode is
used, 25 MHz when Normal mode is used, or 40 MHz when
Warp mode is used) is recommended to ensure that all the bits
are read during the first half of the conversion phase. It is also
possible to begin to read data after conversion and continue to
read the last bits after a new conversion has been initiated. This
allows the use of a slower clock speed like 14 MHz in Impulse
mode, 18 MHz in Normal mode, and 25 MHz in Warp mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com