Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7653ACPZ Datasheet(PDF) 5 Page - Analog Devices

Part # AD7653ACPZ
Description  16-Bit 1 MSPS PulSAR Unipolar ADC with Reference
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7653ACPZ Datasheet(HTML) 5 Page - Analog Devices

  AD7653ACPZ Datasheet HTML 1Page - Analog Devices AD7653ACPZ Datasheet HTML 2Page - Analog Devices AD7653ACPZ Datasheet HTML 3Page - Analog Devices AD7653ACPZ Datasheet HTML 4Page - Analog Devices AD7653ACPZ Datasheet HTML 5Page - Analog Devices AD7653ACPZ Datasheet HTML 6Page - Analog Devices AD7653ACPZ Datasheet HTML 7Page - Analog Devices AD7653ACPZ Datasheet HTML 8Page - Analog Devices AD7653ACPZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 27 page
background image
AD7653
Data Sheet
Rev. C | Page 4 of 26
Parameter
Conditions
Min
Typ
Max
Unit
DIGITAL INPUTS
Logic Levels
VIL
–0.3
+0.8
V
VIH
2.0
DVDD + 0.3
V
IIL
–1
+1
µA
IIH
–1
+1
µA
DIGITAL OUTPUTS
Data Format5
Pipeline Delay6
VOL
ISINK = 1.6 mA
0.4
V
VOH
ISOURCE = –500 µA
OVDD – 0.6
V
POWER SUPPLIES
Specified Performance
AVDD
4.75
5
5.25
V
DVDD
4.75
5
5.25
V
OVDD
2.7
5.257
V
Operating Current8
1 MSPS Throughput
AVDD9
With Reference and Buffer
18.7
mA
AVDD10
Reference and Buffer Alone
3
mA
DVDD11
6.7
mA
OVDD11
200
µA
Power Dissipation without REF
666 kSPS Throughput11
92
115
mW
1 kSPS Throughput11
138
µW
Power Dissipation with REF
1 MSPS Throughput8
128
145
mW
TEMPERATURE RANGE12
Specified Performance
TMIN to TMAX
–40
+85
°C
1
See Analog Input section.
2
LSB means least significant bit. With the 0 V to 2.5 V input range, 1 LSB is 38.15 µV.
3
See Definitions of Specifications section. These specifications do not include the error contribution from the external reference.
4
All specifications in dB are referred to a full-scale input FS. Tested with an input signal at 0.5 dB below full-scale, unless otherwise specified.
5
Parallel or serial 16-bit.
6
Conversion results are available immediately after completed conversion.
7
The max should be the minimum of 5.25 V and DVDD + 0.3 V.
8
In Warp mode.
9
With REF, PDREF and PDBUF are LOW; without REF, PDREF and PDBUF are HIGH.
10
With PDREF, PDBUF LOW and PD HIGH.
11
Impulse Mode. Tested in Parallel Reading mode.
12
Consult factory for extended temperature range.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com