Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7653ACPZ Datasheet(PDF) 10 Page - Analog Devices

Part # AD7653ACPZ
Description  16-Bit 1 MSPS PulSAR Unipolar ADC with Reference
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7653ACPZ Datasheet(HTML) 10 Page - Analog Devices

Back Button AD7653ACPZ Datasheet HTML 6Page - Analog Devices AD7653ACPZ Datasheet HTML 7Page - Analog Devices AD7653ACPZ Datasheet HTML 8Page - Analog Devices AD7653ACPZ Datasheet HTML 9Page - Analog Devices AD7653ACPZ Datasheet HTML 10Page - Analog Devices AD7653ACPZ Datasheet HTML 11Page - Analog Devices AD7653ACPZ Datasheet HTML 12Page - Analog Devices AD7653ACPZ Datasheet HTML 13Page - Analog Devices AD7653ACPZ Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 27 page
background image
Data Sheet
AD7653
Rev. C | Page 9 of 26
Pin No.
Mnemonic
Type1
Description
13
D4 or EXT/INT
DI/O
When SER/PAR is LOW, this output is used as Bit 4 of the parallel port data output bus.
When SER/PAR is HIGH, this input, part of the serial port, is used as a digital select input for choos-
ing the internal data clock or an external data clock. With EXT/INT tied LOW, the internal clock is
selected on the SCLK output. With EXT/INT set to logic HIGH, output data is synchronized to an
external clock signal connected to the SCLK input.
14
D5 or
INVSYNC
DI/O
When SER/PAR is LOW, this output is used as Bit 5 of the parallel port data output bus.
When SER/PAR is HIGH, this input, part of the serial port, is used to select the active state of the
SYNC signal. It is active in both master and slave modes. When LOW, SYNC is active HIGH. When
HIGH, SYNC is active LOW.
15
D6 or
INVSCLK
DI/O
When SER/PAR is LOW, this output is used as Bit 6 of the parallel port data output bus.
When SER/PAR is HIGH, this input, part of the serial port, is used to invert the SCLK signal. It is active
in both master and slave modes.
16
D7 or
RDC/SDIN
DI/O
When SER/PAR is LOW, this output is used as Bit 7 of the parallel port data output bus.
When SER/PAR is HIGH, this input, part of the serial port, is used as either an external data input or a
read mode selection input depending on the state of EXT/INT.
When EXT/INT is HIGH, RDC/SDIN could be used as a data input to daisy-chain the conversion
results from two or more ADCs onto a single SDOUT line. The digital data level on SDIN is output on
DATA with a delay of 16 SCLK periods after the initiation of the read sequence.
When EXT/INT is LOW, RDC/SDIN is used to select the read mode. When RDC/SDIN is HIGH, the data
is output on SDOUT during conversion. When RDC/SDIN is LOW, the data can be output on SDOUT
only when the conversion is complete.
17
OGND
P
Input/Output Interface Digital Power Ground.
18
OVDD
P
Input/Output Interface Digital Power. Nominally at the same supply as the host interface
(5 V or 3 V).
19
DVDD
P
Digital Power. Nominally at 5 V.
20
DGND
P
Digital Power Ground.
21
D8 or
SDOUT
DO
When SER/PAR is LOW, this output is used as Bit 8 of the parallel port data output bus.
When SER/PAR is HIGH, this output, part of the serial port, is used as a serial data output synchro-
nized to SCLK. Conversion results are stored in an on-chip register. The AD7653 provides the
conversion result, MSB first, from its internal shift register. The DATA format is determined by the
logic level of OB/2C. In serial mode when EXT/INT is LOW, SDOUT is valid on both edges of SCLK. In
serial mode when EXT/INT is HIGH, if INVSCLK is LOW, SDOUT is updated on the SCLK rising edge
and valid on the next falling edge; if INVSCLK is HIGH, SDOUT is updated on the SCLK falling edge
and valid on the next rising edge.
22
D9 or
SCLK
DI/O
When SER/PAR is LOW, this output is used as Bit 9 of the parallel port data or SCLK output bus.
When SER/PAR is HIGH, this pin, part of the serial port, is used as a serial data clock input or output,
depending upon the logic state of the EXT/INT pin. The active edge where the data SDOUT is
updated depends upon the logic state of the INVSCLK pin.
23
D10 or
SYNC
DO
When SER/PAR is LOW, this output is used as Bit 10 of the parallel port data output bus.
When SER/PAR is HIGH, this output, part of the serial port, is used as a digital output frame
synchronization for use with the internal data clock (EXT/INT = logic LOW). When a read sequence is
initiated and INVSYNC is LOW, SYNC is driven HIGH and remains HIGH while the SDOUT output is
valid. When a read sequence is initiated and INVSYNC is HIGH, SYNC is driven LOW and remains
LOW while the SDOUT output is valid.
24
D11 or
RDERROR
DO
When SER/PAR is LOW, this output is used as Bit 11 of the parallel port data output bus. When
SER/PAR and EXT/INT are HIGH, this output, part of the serial port, is used as an incomplete read
error flag. In slave mode, when a data read is started and not complete when the following
conversion is complete, the current data is lost and RDERROR is pulsed HIGH.
25–28
D[12:15]
DO
Bit 12 to Bit 15 of the Parallel Port Data Output Bus. These pins are always outputs regardless of the
state of SER/PAR.
29
BUSY
DO
Busy Output. Transitions HIGH when a conversion is started and remains HIGH until the conversion
is complete and the data is latched into the on-chip shift register. The falling edge of BUSY could be
used as a data ready clock signal.
30
DGND
P
Must Be Tied to Digital Ground.
31
RD
DI
Read Data. When CS and RD are both LOW, the interface parallel or serial output bus is enabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com