Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7653ACPZ Datasheet(PDF) 9 Page - Analog Devices

Part # AD7653ACPZ
Description  16-Bit 1 MSPS PulSAR Unipolar ADC with Reference
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7653ACPZ Datasheet(HTML) 9 Page - Analog Devices

Back Button AD7653ACPZ Datasheet HTML 5Page - Analog Devices AD7653ACPZ Datasheet HTML 6Page - Analog Devices AD7653ACPZ Datasheet HTML 7Page - Analog Devices AD7653ACPZ Datasheet HTML 8Page - Analog Devices AD7653ACPZ Datasheet HTML 9Page - Analog Devices AD7653ACPZ Datasheet HTML 10Page - Analog Devices AD7653ACPZ Datasheet HTML 11Page - Analog Devices AD7653ACPZ Datasheet HTML 12Page - Analog Devices AD7653ACPZ Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 27 page
background image
AD7653
Data Sheet
Rev. C | Page 8 of 26
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
02966-0-002
AGND
AVDD
NC
BYTESWAP
OB/2C
WARP
IMPULSE
SER/PAR
D0
D1
D3/DIVSCLK1
D2/DIVSCLK0
AGND
CNVST
PD
RESET
CS
RD
DGND
BUSY
D15
D14
D13
D12
1
2
3
4
5
6
7
25
26
27
28
29
30
31
32
33
34
35
36
8
9
10
11
12
AD7653
TOP VIEW
(Not to Scale)
NOTES
1. NC = NO CONNECT. DO NOT CONNECT TO THIS PIN.
2. THE LFCSP PACKAGE HAS AN EXPOSED PAD. THIS EPAD CAN
BE CONNECTED AGND. THIS CONNECTION IS NOT REQUIRED
TO MEET ELECTRICAL PERFORMANCE SPECIFICATIONS.
Figure 4. 48-Lead LQFP (ST-48) and 48-Lead LFCSP (CP-48-1)
Table 6. Pin Function Descriptions
Pin No.
Mnemonic
Type1
Description
0
EPAD
Exposed Pad. The LFCSP package has an exposed pad. This EPAD can be connected to AGND. This
connection is not required to meet electrical performance specifications.
1, 36,
41, 42
AGND
P
Analog Power Ground Pin.
2, 44
AVDD
P
Input Analog Power Pin. Nominally 5 V.
3, 40
NC
No Connect.
4
BYTESWAP
DI
Parallel Mode Selection (8-/16-bit). When LOW, the LSB is output on D[7:0] and the MSB is output on
D[15:8]. When HIGH, the LSB is output on D[15:8] and the MSB is output on D[7:0].
5
OB/2C
DI
Straight Binary/Binary Twos Complement. When OB/2C is HIGH, the digital output is straight binary;
when LOW, the MSB is inverted, resulting in a twos complement output from its internal shift
register.
6
WARP
DI
Mode Selection. When this pin is HIGH and the IMPULSE pin is LOW, this input selects the fastest
mode, the maximum throughput is achievable, and a minimum conversion rate must be applied in
order to guarantee full specified accuracy. When LOW, full accuracy is maintained independent of
the minimum conversion rate.
7
IMPULSE
DI
Mode Selection. When IMPULSE is HIGH and WARP is LOW, this input selects a reduced power
mode. In this mode, the power dissipation is approximately proportional to the sampling rate.
8
SER/PAR
DI
Serial/Parallel Selection Input. When LOW, the parallel port is selected; when HIGH, the serial
interface mode is selected and some bits of the DATA bus are used as a serial port.
9, 10
D[0:1]
DO
Bit 0 and Bit 1 of the Parallel Port Data Output Bus. When SER/PAR is HIGH, these outputs are in high
impedance.
11, 12
D[2:3]or
DIVSCLK[0:1]
DI/O
When SER/PAR is LOW, these outputs are used as Bit 2 and Bit 3 of the parallel port data output bus.
When SER/PAR is HIGH, EXT/INT is LOW, and RDC/SDIN is LOW (serial master read after convert),
these inputs, part of the serial port, are used to slow down, if desired, the internal serial clock that
clocks the data output. In other serial modes, these pins are not used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com