Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7653ACPZ Datasheet(PDF) 20 Page - Analog Devices

Part # AD7653ACPZ
Description  16-Bit 1 MSPS PulSAR Unipolar ADC with Reference
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7653ACPZ Datasheet(HTML) 20 Page - Analog Devices

Back Button AD7653ACPZ Datasheet HTML 16Page - Analog Devices AD7653ACPZ Datasheet HTML 17Page - Analog Devices AD7653ACPZ Datasheet HTML 18Page - Analog Devices AD7653ACPZ Datasheet HTML 19Page - Analog Devices AD7653ACPZ Datasheet HTML 20Page - Analog Devices AD7653ACPZ Datasheet HTML 21Page - Analog Devices AD7653ACPZ Datasheet HTML 22Page - Analog Devices AD7653ACPZ Datasheet HTML 23Page - Analog Devices AD7653ACPZ Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 27 page
background image
Data Sheet
AD7653
Rev. C | Page 19 of 26
POWER DISSIPATION VS. THROUGHPUT
Operating currents are very low during the acquisition phase,
allowing significant power savings when the conversion rate is
reduced (see Figure 25). This power savings depends on the
mode used. In Impulse mode, the AD7653 automatically
reduces power consumption at the end of each conversion
phase. This makes the part ideal for very low power battery
applications. The digital interface and the reference remain
active even during the acquisition phase. To reduce operating
digital supply currents even further, digital inputs need to be
driven close to the power supply rails (i.e., DVDD or DGND),
and OVDD should not exceed DVDD by more than 0.3 V.
SAMPLE RATE (SPS)
10
02966-0-041
1000000
100
10000
100000
1000
10000
100
1000
1000000
10
WARP MODE POWER
IMPULSE MODE POWER
100000
PDREF = PDBUF = HIGH
Figure 25. Power Dissipation vs. Sampling Rate
CONVERSION CONTROL
Figure 26 shows the detailed timing diagrams of the conversion
process. The AD7653 is controlled by the CNVST signal, which
initiates conversion. Once initiated, it cannot be restarted or
aborted, even by the power-down input PD, until the
conversion is complete. CNVST operates independently of CS
and RD.
In Impulse mode, conversions can be automatically initiated. If
CNVST is held LOW when BUSY is LOW, the AD7653 controls
the acquisition phase and automatically initiates a new con-
version. By keeping CNVST LOW, the AD7653 keeps the
conversion process running by itself. It should be noted that the
analog input must be settled when BUSY goes low. Also, at
power-up, CNVST should be brought LOW once to initiate the
conversion process. In this mode, the AD7653 can run slightly
faster than the guaranteed 666 kSPS limits in Impulse mode.
This feature does not exist in Warp and Normal modes.
Although CNVST is a digital signal, it should be designed with
special care with fast, clean edges, and levels with minimum
overshoot and undershoot or ringing.
The CNVST trace should be shielded with ground and a low
value serial resistor (i.e., 50 Ω) termination should be added
close to the output of the component that drives this line.
For applications where SNR is critical, the CNVST signal should
have very low jitter. This may be achieved by using a dedicated
oscillator for CNVST generation, or to clock CNVST with a
high frequency, low jitter clock, as shown in Figure 22.
BUSY
MODE
t2
t1
t3
t4
t5
t6
t7
t8
ACQUIRE
CONVERT
ACQUIRE
CONVERT
02966-0-011
CNVST
Figure 26. Basic Conversion Timing
t9
t8
RESET
DATA
BUSY
02966-0-011
CNVST
Figure 27. RESET Timing
t1
t3
t4
t11
BUSY
DATA
BUS
CS = RD = 0
t10
PREVIOUS CONVERSION DATA
NEW DATA
02966-0-012
CNVST
Figure 28. Master Parallel Data Timing for Reading (Continuous Read)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com