Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7927 Datasheet(PDF) 9 Page - Analog Devices

Part # AD7927
Description  8-Channel, 200 kSPS, 12-Bit ADC Sequencer in 20-Lead TSSOP
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7927 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD7927 Datasheet HTML 5Page - Analog Devices AD7927 Datasheet HTML 6Page - Analog Devices AD7927 Datasheet HTML 7Page - Analog Devices AD7927 Datasheet HTML 8Page - Analog Devices AD7927 Datasheet HTML 9Page - Analog Devices AD7927 Datasheet HTML 10Page - Analog Devices AD7927 Datasheet HTML 11Page - Analog Devices AD7927 Datasheet HTML 12Page - Analog Devices AD7927 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 29 page
background image
AD7927
Data Sheet
Rev. D | Page 8 of 28
TERMINOLOGY
Integral Nonlinearity (INL)
INL is the maximum deviation from a straight line passing
through the endpoints of the ADC transfer function. The end-
points of the transfer function are zero scale, a point 1 LSB
below the first code transition, and full scale, a point 1 LSB
above the last code transition. Figure 9 shows a typical INL
plot for the AD7927.
Differential Nonlinearity (DNL)
DNL is the difference between the measured and the ideal
1 LSB change between any two adjacent codes in the ADC.
Figure 10 shows a typical DNL plot for the AD7927.
Offset Error
This is the deviation of the first code transition (00 . . . 000) to
(00 . . . 001) from the ideal, that is, AGND + 1 LSB.
Offset Error Match
This is the difference in offset error between any two channels.
Gain Error
This is the deviation of the last code transition (111 . . . 110) to
(111 . . . 111) from the ideal (that is, REFIN − 1 LSB) after the
offset error has been adjusted out.
Gain Error Match
This is the difference in gain error between any two channels.
Zero Code Error
This applies when using the twos complement output coding
option, in particular to the 2 × REFIN input range with −REFIN
to +REFIN biased about the REFIN point. It is the deviation of
the midscale transition (all 0s to all 1s) from the ideal VIN
voltage, that is, REFIN − 1 LSB.
Zero Code Error Match
This is the difference in zero code error between any two
channels.
Positive Gain Error
This applies when using the twos complement output coding
option, in particular to the 2 × REFIN input range with −REFIN
to +REFIN biased about the REFIN point. It is the deviation of the
last code transition (011. . .110) to (011 . . . 111) from the ideal
(that is, +REFIN − 1 LSB) after the zero code error has been
adjusted out.
Positive Gain Error Match
This is the difference in positive gain error between any two
channels.
Negative Gain Error
This applies when using the twos complement output coding
option, in particular to the 2 × REFIN input range with −REFIN
to +REFIN biased about the REFIN point. It is the deviation of
the first code transition (100 . . . 000) to (100 . . . 001) from the
ideal (that is, −REFIN + 1 LSB) after the zero code error has been
adjusted out.
Negative Gain Error Match
This is the difference in negative gain error between any two
channels.
Channel-to-Channel Isolation
Channel-to-channel isolation is a measure of the level of
crosstalk between channels. It is measured by applying a full-
scale 400 kHz sine wave signal to all seven nonselected input
channels and determining how much that signal is attenuated
in the selected channel with a 50 kHz signal. The figure given is
the worst case across all eight channels for the AD7927.
Power Supply Rejection (PSR)
Variations in power supply affect the full-scale transition,
but not the converter’s linearity. Power supply rejection is the
maximum change in full-scale transition point due to a change
in power supply voltage from the nominal value (see the Typical
Performance Characteristics section).
Power Supply Rejection Ration (PSRR)
The power supply rejection ratio is defined as the ratio of the
power in the ADC output at full-scale frequency (f) to the
power of a 200 mV p-p sine wave applied to the ADC AVDD
supply of frequency (fS):
PSRR(dB) = 10log(Pf/PfS)
where:
Pf is equal to the power at Frequency f in ADC output.
PfS is equal to the power at Frequency fS coupled onto the
ADC AVDD.
Here a 200 mV p-p sine wave is coupled onto the AVDD supply.
Figure 6 shows the power supply rejection ratio vs. supply ripple
frequency for the AD7927 with no decoupling.
Track-and-Hold Acquisition Time
The track-and-hold amplifier returns into track mode at the
end of conversion. Track-and-hold acquisition time is the time
required for the output of the track-and-hold amplifier to reach
its final value, within ±1 LSB, after the end of conversion.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com