Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7927 Datasheet(PDF) 12 Page - Analog Devices

Part # AD7927
Description  8-Channel, 200 kSPS, 12-Bit ADC Sequencer in 20-Lead TSSOP
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7927 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD7927 Datasheet HTML 8Page - Analog Devices AD7927 Datasheet HTML 9Page - Analog Devices AD7927 Datasheet HTML 10Page - Analog Devices AD7927 Datasheet HTML 11Page - Analog Devices AD7927 Datasheet HTML 12Page - Analog Devices AD7927 Datasheet HTML 13Page - Analog Devices AD7927 Datasheet HTML 14Page - Analog Devices AD7927 Datasheet HTML 15Page - Analog Devices AD7927 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 29 page
background image
Data Sheet
AD7927
Rev. D | Page 11 of 28
INPUT FREQUENCY (kHz)
–55
–70
–80
–90
–95
–60
–75
–85
–65
10
100
RIN = 1000Ω
RIN = 100Ω
RIN = 10Ω
RIN = 50Ω
fSAMPLE = 200kSPS
TA = 25°C
AVDD = 5.25V
RANGE = 0 TO REFIN
Figure 8. THD vs. Analog Input Frequency for Various Source Impedances
CODE
1.0
0
4096
0
–0.4
–0.8
–1.0
0.2
–0.2
–0.6
2048
0.6
0.4
0.8
2560
3072
3584
512
1024
1536
AVDD =VDRIVE = 5V
TA = 25°C
Figure 9. Typical INL
CODE
1.0
0
4096
0
–0.4
–0.8
–1.0
0.2
–0.2
–0.6
2048
0.6
0.4
0.8
2560
3072
3584
512
1024
1536
AVDD =VDRIVE = 5V
TA = 25°C
Figure 10. Typical DNL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com