Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7927 Datasheet(PDF) 21 Page - Analog Devices

Part # AD7927
Description  8-Channel, 200 kSPS, 12-Bit ADC Sequencer in 20-Lead TSSOP
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7927 Datasheet(HTML) 21 Page - Analog Devices

Back Button AD7927 Datasheet HTML 17Page - Analog Devices AD7927 Datasheet HTML 18Page - Analog Devices AD7927 Datasheet HTML 19Page - Analog Devices AD7927 Datasheet HTML 20Page - Analog Devices AD7927 Datasheet HTML 21Page - Analog Devices AD7927 Datasheet HTML 22Page - Analog Devices AD7927 Datasheet HTML 23Page - Analog Devices AD7927 Datasheet HTML 24Page - Analog Devices AD7927 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 29 page
background image
AD7927
Data Sheet
Rev. D | Page 20 of 28
AUTO SHUTDOWN (PM1 = 0, PM0 = 1)
In this mode, the AD7927 automatically enters shutdown at the
end of each conversion when the control register is updated.
When the part is in shutdown, the track-and-hold is in hold
mode. Figure 23 shows the general diagram of the operation
of the AD7927 in this mode. In shutdown mode all internal
circuitry on the AD7927 is powered down. The part retains
information in the control register during shutdown. The AD7927
remains in shutdown until the next CS falling edge it receives.
On this CS falling edge, the track-and-hold that was in hold
while the part was in shutdown returns to track. Wake-up time
from auto shutdown is 1 μs maximum, and the user should
ensure that 1 μs has elapsed before attempting a valid conversion.
When running the AD7927 with a 20 MHz clock, one dummy
16 SCLK transfer should be sufficient to ensure the part is fully
powered up. During this dummy transfer, the contents of the
control register should remain unchanged; therefore, the
WRITE bit should be 0 on the DIN line.
Depending on the SCLK frequency used, this dummy transfer
may affect the achievable throughput rate of the part, with every
other data transfer being a valid conversion result. If, for example,
the maximum SCLK frequency of 20 MHz was used, the auto
shutdown mode could be used at the full throughput rate of
200 kSPS without affecting the throughput rate at all. Only a
portion of the cycle time is taken up by the conversion time and
the dummy transfer for wake-up.
In this mode, the power consumption of the part is greatly
reduced with the part entering shutdown at the end of each
conversion. When the control register is programmed to move
into auto shutdown, it does so at the end of the conversion. The
user can move the ADC in and out of the low power state by
controlling the CS signal.
1
SCLK
DOUT
DIN
16
1
1
16
DUMMY CONVERSION
CHANNEL IDENTIFIER BITS + CONVERSION RESU LT
INVALID DATA
CHANNEL IDENTIFIER BITS + CONVERSION RESU LT
12
12
12
CONTROL REGISTER IS LOADED ON THE
FIRST 12 CLOCKS, PM1 = 0, PM0 = 1
CONTROL REGISTER SHOULD NOT
CHANGE, WRITE BIT = 0
TO KEEP PART IN THIS MODE, LOAD PM1 = 0, PM0 = 1
IN CONTROL REGISTER OR SET WRITE BIT = 0
DATA INTO CONTROL/SHADOW REGISTER
DATA IN TO CONTROL/SHADOW REGISTER
16
CS
PART ENTERS SHUTDOWN ON CS
RISING EDGE AS PM1 = 0, PM0 = 1
PART BEGINS TO POWER UP
ON CS FALLING EDGE
PART IS FULLY
POWERED UP
PART ENTERS SHUTDOWN ON
CS RISING EDGE AS PM1 = 0, PM0 = 1
Figure 23. Auto Shutdown Mode Operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com