Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7927 Datasheet(PDF) 17 Page - Analog Devices

Part # AD7927
Description  8-Channel, 200 kSPS, 12-Bit ADC Sequencer in 20-Lead TSSOP
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7927 Datasheet(HTML) 17 Page - Analog Devices

Back Button AD7927 Datasheet HTML 13Page - Analog Devices AD7927 Datasheet HTML 14Page - Analog Devices AD7927 Datasheet HTML 15Page - Analog Devices AD7927 Datasheet HTML 16Page - Analog Devices AD7927 Datasheet HTML 17Page - Analog Devices AD7927 Datasheet HTML 18Page - Analog Devices AD7927 Datasheet HTML 19Page - Analog Devices AD7927 Datasheet HTML 20Page - Analog Devices AD7927 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 29 page
background image
AD7927
Data Sheet
Rev. D | Page 16 of 28
For ac applications, removing high frequency components from
the analog input signal is recommended by use of an RC low-
pass filter on the relevant analog input pin. In applications where
harmonic distortion and signal-to-noise ratio are critical, the
analog input should be driven from a low impedance source. Large
source impedances significantly affect the ac performance of the
ADC. This may necessitate the use of an input buffer amplifier.
The choice of the op amp is a function of the particular application.
When no amplifier is used to drive the analog input, limit
the source impedance to low values. The maximum source
impedance depends on the amount of THD that can be
tolerated. The THD increases as the source impedance
increases, and performance degrades (see Figure 8).
R1
D1
D2
AVDD
VIN
C2
30pF
C1
4pF
CONVERSION PHASE: SWITCH OPEN
TRACK PHASE: SWITCH CLOSED
Figure 16. Equivalent Analog Input Circuit
ADC TRANSFER FUNCTION
The output coding of the AD7927 is either straight binary
or twos complement, depending on the status of the LSB in
the control register. The designed code transitions occur at
successive LSB values (that is, 1 LSB, 2 LSBs, and so forth).
The LSB size is REFIN/4096 for the AD7927. The ideal transfer
characteristic for the AD7927 when straight binary coding is
selected is shown in Figure 17, and the ideal transfer characteristic
for the AD7927 when twos complement coding is selected is
shown in Figure 18.
000…000
0V
ANALOG INPUT
111…111
000…001
000…010
111…110
•
•
111…000
•
011…111
•
•
1LSB
1LSB = VREF/4096
+VREF – 1LSB
NOTES
VREF IS EITHER REFIN OR 2 × REFIN.
Figure 17. Straight Binary Transfer Characteristic
ANALOG INPUT
100…000
011…111
100…001
100…010
011…110
•
•
000…001
111…111
•
•
000…000
1LSB = 2 × VREF/4096
+VREF – 1LSB
–VREF + 1LSB
VREF – 1LSB
Figure 18. Twos Complement Transfer Characteristic with REFIN ± REFIN
Input Range
HANDLING BIPOLAR INPUT SIGNALS
Figure 19 shows how useful the combination of the 2 × REFIN
input range and the twos complement output coding scheme
is for handling bipolar input signals. If the bipolar input signal
is biased about REFIN and twos complement output coding is
selected, then REFIN becomes the zero code point, −REFIN is
negative full scale and +REFIN becomes positive full scale, with
a dynamic range of 2 × REFIN.
R3
R2
R4
AD7927
V
DOUT
011…111
000…000
100…000
(= 0V)
0V
V
VREF
0.1µF
R1
R1 = R2 = R3 = R4
AVDD
REFIN
VIN0
VIN7
VDRIVE
TWOS
COMPLEMENT
VDD
VDD
DSP/
MICROPROCESSOR
+REFIN
REFIN
–REFIN
(= 2 × REFIN)
Figure 19. Handling Bipolar Signals



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com