Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7927 Datasheet(PDF) 19 Page - Analog Devices

Part # AD7927
Description  8-Channel, 200 kSPS, 12-Bit ADC Sequencer in 20-Lead TSSOP
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7927 Datasheet(HTML) 19 Page - Analog Devices

Back Button AD7927 Datasheet HTML 15Page - Analog Devices AD7927 Datasheet HTML 16Page - Analog Devices AD7927 Datasheet HTML 17Page - Analog Devices AD7927 Datasheet HTML 18Page - Analog Devices AD7927 Datasheet HTML 19Page - Analog Devices AD7927 Datasheet HTML 20Page - Analog Devices AD7927 Datasheet HTML 21Page - Analog Devices AD7927 Datasheet HTML 22Page - Analog Devices AD7927 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 29 page
background image
AD7927
Data Sheet
Rev. D | Page 18 of 28
VDRIVE
The AD7927 also has the VDRIVE feature. VDRIVE controls the volt-
age at which the serial interface operates. VDRIVE allows the ADC
to easily interface to both 3 V and 5 V processors. For example,
if the AD7927 were operated with an AVDD of 5 V, the VDRIVE pin
could be powered from a 3 V supply. The AD7927 has a larger
dynamic range with an AVDD of 5 V while still being able to
interface to 3 V processors. Take care to ensure VDRIVE does not
exceed AVDD by more than 0.3 V (see the Absolute Maximum
Ratings section).
THE REFERENCE
An external reference source should be used to supply the
2.5 V reference to the AD7927. Errors in the reference source
result in gain errors in the AD7927 transfer function and add
to the specified full-scale errors of the part. A capacitor of at
least 0.1 μF should be placed on the REFIN pin. Suitable refer-
ence sources for the AD7927 include the AD780, REF192, and
the AD1582.
If 2.5 V is applied to the REFIN pin, the analog input range can
be either 0 V to 2.5 V or 0 V to 5 V, depending on the setting of
the RANGE bit in the control register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com