Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7927 Datasheet(PDF) 13 Page - Analog Devices

Part # AD7927
Description  8-Channel, 200 kSPS, 12-Bit ADC Sequencer in 20-Lead TSSOP
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7927 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD7927 Datasheet HTML 9Page - Analog Devices AD7927 Datasheet HTML 10Page - Analog Devices AD7927 Datasheet HTML 11Page - Analog Devices AD7927 Datasheet HTML 12Page - Analog Devices AD7927 Datasheet HTML 13Page - Analog Devices AD7927 Datasheet HTML 14Page - Analog Devices AD7927 Datasheet HTML 15Page - Analog Devices AD7927 Datasheet HTML 16Page - Analog Devices AD7927 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 29 page
background image
AD7927
Data Sheet
Rev. D | Page 12 of 28
CONTROL REGISTER
The control register on the AD7927 is a 12-bit, write-only register. Data is loaded from the DIN pin of the AD7927 on the falling edge of
SCLK. The data is transferred on the DIN line at the same time that the conversion result is read from the part. The data transferred on
the DIN line corresponds to the AD7927 configuration for the next conversion. This requires 16 serial clocks for every data transfer. Only
the information provided on the first 12 falling clock edges (after CS falling edge) is loaded to the control register. MSB denotes the first
bit in the data stream. The bit functions are outlined in Table 5.
Table 5. Control Register Bit Functions
MSB
LSB
WRITE
SEQ
DONTC
ADD2
ADD1
ADD0
PM1
PM0
SHADOW
DONTC
RANGE
CODING
Table 6. Control Register Bit Function Description
Bit
Mnemonic
Description
11
WRITE
The value written to this bit of the control register determines whether the following 11 bits are loaded to
the control register. If this bit is a 1, the following 11 bits are written to the control register; if it is a 0, then the
remaining 11 bits are not loaded to the control register and it remains unchanged.
10
SEQ
The SEQ bit in the control register is used in conjunction with the SHADOW bit to control the use of the sequencer
function and access the shadow register (see Table 10).
9
DONTC
Don’t care.
8 to 6
ADD2 to
ADD0
These three address bits are loaded at the end of the present conversion and select which analog input channel
is to be converted in the next serial transfer, or they may select the final channel in a consecutive sequence as
described in Table 9. The selected input channel is decoded as shown in Table 7. The address bits corresponding
to the conversion result are also output on DOUT prior to the 12 bits of data (see the Serial Interface section). The
next channel to be converted on is selected by the mux on the 14th SCLK falling edge.
5, 4
PM1, PM0
Power Management Bits. These two bits decode the mode of operation of the AD7927 as shown in Table 8.
3
SHADOW
The SHADOW bit in the control register is used in conjunction with the SEQ bit to control the use of the sequencer
function and access the shadow register (see Table 10).
2
DONTC
Don’t care.
1
RANGE
This bit selects the analog input range to be used on the AD7927. If it is set to 0, the analog input range extends
from 0 V to 2 × REFIN. If it is set to 1, the analog input range extends from 0 V to REFIN (for the next conversion). For
the 0 V to 2 × REFIN range, AVDD = 4.75 V to 5.25 V.
0
CODING
This bit selects the type of output coding the AD7927 uses for the conversion result. If this bit is set to 0, the
output coding for the part is twos complement. If this bit is set to 1, the output coding from the part is straight
binary (for the next conversion).
Table 7. Channel Selection
ADD2
ADD1
ADD0
Analog Input Channel
0
0
0
VIN0
0
0
1
VIN1
0
1
0
VIN2
0
1
1
VIN3
1
0
0
VIN4
1
0
1
VIN5
1
1
0
VIN6
1
1
1
VIN7
Table 8. Power Mode Selection
PM1
PM0
Mode
1
1
Normal Operation. In this mode, the AD7927 remains in full power mode, regardless of the status of any of the
logic inputs. This mode allows the fastest possible throughput rate from the AD7927.
1
0
Full Shutdown. In this mode, the AD7927 is in full shutdown mode with all circuitry on the AD7927 powering
down. The AD7927 retains the information in the control register while in full shutdown. The part remains in full
shutdown until these bits are changed.
0
1
Auto Shutdown. In this mode, the AD7927 automatically enters full shutdown mode at the end of each conversion
when the control register is updated. Wake-up time from full shutdown is 1 μs and the user should ensure that 1
μs has elapsed before attempting to perform a valid conversion on the part in this mode.
0
0
Invalid Selection. This configuration is not allowed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com