Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7927 Datasheet(PDF) 25 Page - Analog Devices

Part # AD7927
Description  8-Channel, 200 kSPS, 12-Bit ADC Sequencer in 20-Lead TSSOP
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7927 Datasheet(HTML) 25 Page - Analog Devices

Back Button AD7927 Datasheet HTML 21Page - Analog Devices AD7927 Datasheet HTML 22Page - Analog Devices AD7927 Datasheet HTML 23Page - Analog Devices AD7927 Datasheet HTML 24Page - Analog Devices AD7927 Datasheet HTML 25Page - Analog Devices AD7927 Datasheet HTML 26Page - Analog Devices AD7927 Datasheet HTML 27Page - Analog Devices AD7927 Datasheet HTML 28Page - Analog Devices AD7927 Datasheet HTML 29Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 25 / 29 page
background image
AD7927
Data Sheet
Rev. D | Page 24 of 28
MICROPROCESSOR INTERFACING
The serial interface on the AD7927 allows the part to be directly
connected to a range of many different microprocessors. This
section explains how to interface the AD7927 with some of the
more common microcontroller and DSP serial interface protocols.
AD7927 TO TMS320C541
The serial interface on the TMS320C541 uses a continuous serial
clock and frame synchronization signals to synchronize the
data transfer operations with peripheral devices like the AD7927.
The CS input allows easy interfacing between the TMS320C541
and the AD7927 without any glue logic required. The serial port
of the TMS320C541 is set up to operate in burst mode with inter-
nal CLKX0 (TX serial clock on Serial Port 0) and FSX0 (TX
frame sync from Serial Port 0). The serial port control register
(SPC) must have the following setup: FO = 0, FSM = 1, MCM =
1, and TXM = 1. The connection diagram is shown in Figure 29.
It should be noted that for signal processing applications, it is
imperative that the frame synchronization signal from the
TMS320C541 provides equidistant sampling. The VDRIVE pin
of the AD7927 takes the same supply voltage as that of the
TMS320C541. This allows the ADC to operate at a higher
voltage than the serial interface, that is, TMS320C541, if
necessary.
CLKX
CLKR
DR
DT
FSX
FSR
SCLK
DOUT
DIN
VDRIVE
TMS320C541*
VDD
*ADDITIONAL PINS REMOVED FOR CLARITY.
AD7927*
CS
Figure 29. Interfacing to the TMS320C541
AD7927 TO ADSP-21xx
The ADSP-21xx family of DSPs is interfaced directly to the
AD7927 without any glue logic required. The VDRIVE pin of the
AD7927 takes the same supply voltage as that of the ADSP-218x.
This allows the ADC to operate at a higher voltage than the
serial interface, that is, ADSP-218x, if necessary.
The SPORT0 control register should be set up as follows:
TFSW = RFSW = 1, alternate framing
INVRFS = INVTFS = 1, active low frame signal
DTYPE = 00, right justify data
SLEN = 1111, 16-bit data-words
ISCLK = 1, internal serial clock
TFSR = RFSR = 1, frame every word
IRFS = 0
ITFS = 1
The connection diagram is shown in Figure 30. The ADSP-218x
has the TFS and RFS of the SPORT0 tied together, with TFS set
as an output and RFS set as an input. The DSP operates in alter-
nate framing mode and the SPORT0 control register is set up as
described. The frame synchronization signal generated on the
TFS is tied to CS, and as with all signal processing applications
equidistant sampling is necessary. However, in this example, the
timer interrupt is used to control the sampling rate of the ADC,
and under certain conditions, equidistant sampling may not be
achieved.
SCLK
DR
RFS
TFS
DT
SCLK
DOUT
DIN
ADSP-218x*
AD7927*
CS
VDRIVE
VDD
*ADDITIONAL PINS REMOVED FOR CLARITY.
Figure 30. Interfacing to the ADSP-218x
The timer register, for instance, is loaded with a value that
provides an interrupt at the required sample interval. When
an interrupt is received, a value is transmitted with TFS or DT,
(ADC control word). The TFS is used to control the RFS and
therefore the reading of data. The frequency of the serial clock
is set in the SCLKDIV register. When the instruction to transmit
with TFS is given (that is, AX0 = TX0), the state of the SCLK is
checked. The DSP waits until the SCLK has gone high, low, and
high before transmission starts. If the timer and SCLK values
are chosen such that the instruction to transmit occurs on or
near the rising edge of SCLK, then the data may be transmitted
or it may wait until the next clock edge.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com