Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7927 Datasheet(PDF) 11 Page - Analog Devices

Part # AD7927
Description  8-Channel, 200 kSPS, 12-Bit ADC Sequencer in 20-Lead TSSOP
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7927 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD7927 Datasheet HTML 7Page - Analog Devices AD7927 Datasheet HTML 8Page - Analog Devices AD7927 Datasheet HTML 9Page - Analog Devices AD7927 Datasheet HTML 10Page - Analog Devices AD7927 Datasheet HTML 11Page - Analog Devices AD7927 Datasheet HTML 12Page - Analog Devices AD7927 Datasheet HTML 13Page - Analog Devices AD7927 Datasheet HTML 14Page - Analog Devices AD7927 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 29 page
background image
AD7927
Data Sheet
Rev. D | Page 10 of 28
TYPICAL PERFORMANCE CHARACTERISTICS
FREQUENCY (kHz)
0
–90
100
–50
–70
80
60
40
20
–10
–30
–110
10
30
50
70
90
4096 POINT FFT
AVDD = 4.75V
fSAMPLE= 200kSPS
fIN = 50kHz
SINAD = 70.714dB
THD = –82.853dB
SFDR = –84.815dB
Figure 4. Dynamic Performance at 200 kSPS
INPUT FREQUENCY (kHz)
75
0100
70
65
60
AVDD =VDRIVE = 5.25V
AVDD =VDRIVE = 4.75V
AVDD =VDRIVE = 3.6V
AVDD =VDRIVE = 2.7V
fSAMPLE = 200kSPS
TA = 25°C
RANGE = 0 TO REFIN
Figure 5. SINAD vs. Analog Input Frequency for Various Supply Voltages
at 200 kSPS
SUPPLY RIPPLE FREQUENCY (kHz)
0
0
200
–40
–60
–80
–90
100
–20
–50
–70
180
160
140
120
80
60
40
20
–10
–30
AVDD = 5V
200mV p-p SINE WAVE ON AVDD
REFIN = 2.5V, 1µF CAPACITOR
TA = 25°C
Figure 6. PSRR vs. Supply Ripple Frequency
INPUT FREQUENCY (kHz)
–50
0
0
1
0
1
–65
–75
–85
–90
–55
–70
–80
–60
fSAMPLE = 200kSPS
TA = 25°C
RANGE = 0 TO REFIN
AVDD =VDRIVE = 5.25V
AVDD =VDRIVE = 4.75V
AVDD =VDRIVE = 2.7V
AVDD =VDRIVE = 3.6V
Figure 7. THD vs. Analog Input Frequency for Various Supply Voltages
at 200 kSPS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com