Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5504 Datasheet (PDF) - Cirrus Logic

CS5504 Datasheet PDF - Cirrus Logic
Part # CS5504
Download  CS5504 Download
File Size   338.92 Kbytes
Page   24 Pages
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic
Description Low Power, 20-Bit A/D Converter

CS5504 Datasheet (PDF)

Go To PDF Page Download Datasheet
CS5504 Datasheet PDF - Cirrus Logic

Part # CS5504
Download  CS5504 Click to download

File Size   338.92 Kbytes
Page   24 Pages
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic
Description Low Power, 20-Bit A/D Converter

CS5504 Datasheet (HTML) - Cirrus Logic


CS5504 Product details

Description

The CS5504 is a 2-channel, fully differential 20-bit, seri al-output CMOS A/D converter. The CS5504 uses charge-balanced (delta-sigma) techniques to provide a low cost, high-resolution measurement at output word rates up to 200 samples per second.



Features

Delta-sigma A/D Converter

  - 20-bit,No Missing Codes

  - Linearity Error: ±0.0007%FS

2 Differential Inputs

  - Pin-selectable Unipolar/Bipolar Ranges

  - Common Mode Rejection

105 dB @ dc

120 dB @ 50, 60 Hz

Either 5V or 3.3V Digital Interface

On-chip Self-calibration Circuitry

Output Update Rates up to 200/Sps

Low Power Consumption: 4.4 mW




Similar Part No. - CS5504

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS5501 CIRRUS-CS5501 Datasheet
702Kb / 54P
Non-aliasing, 16- & 20-bit A/D Converters
CS5501 CIRRUS-CS5501 Datasheet
520Kb / 54P
Low-Cost, 16 & 20-Bit Measurement A/D Converter
CS5501-AP CIRRUS-CS5501-AP Datasheet
520Kb / 54P
Low-Cost, 16 & 20-Bit Measurement A/D Converter
CS5501-AS CIRRUS-CS5501-AS Datasheet
520Kb / 54P
Low-Cost, 16 & 20-Bit Measurement A/D Converter
CS5501-BP CIRRUS-CS5501-BP Datasheet
702Kb / 54P
Non-aliasing, 16- & 20-bit A/D Converters
More results


Similar Description - CS5504

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7703 AD-AD7703 Datasheet
251Kb / 16P
LC2MOS 20-Bit A/D Converter
REV.D
logo
Cirrus Logic
CS4327 CIRRUS-CS4327 Datasheet
1Mb / 36P
Low Cost, 20-Bit, Stereo, Audio D/A Converter
logo
Intersil Corporation
HI5710A INTERSIL-HI5710A Datasheet
154Kb / 20P
10-Bit, 20 MSPS A/D Converter
August 1997
logo
Maxwell Technologies
5102ALP MAXWELL-5102ALP Datasheet
248Kb / 14P
16-Bit, 20 KHz A/D Converter
logo
Cirrus Logic
CS5501-AP CIRRUS-CS5501-AP Datasheet
520Kb / 54P
Low-Cost, 16 & 20-Bit Measurement A/D Converter
CDB5504 CIRRUS-CDB5504 Datasheet
353Kb / 24P
Low Power, 20-Bit A/D Converter
logo
Analog Devices
AD9034 AD-AD9034_15 Datasheet
1Mb / 11P
12 BIT 20 MSPS A/D CONVERTER
REV. 0
AD7703 AD-AD7703_15 Datasheet
458Kb / 16P
20-Bit A/D Converter
Rev. E
logo
Texas Instruments
ADC08200 TI1-ADC08200 Datasheet
1Mb / 27P
8-Bit, 20 Msps to 200 Msps, Low Power A/D Converter
logo
Analog Devices
AD7703 AD-AD7703_17 Datasheet
453Kb / 17P
20-Bit A/D Converter
23-Feb-2017
More results




About Cirrus Logic


Cirrus Logic is an American company that specializes in the design and manufacture of high-precision analog and mixed-signal integrated circuits (ICs).
The company was founded in 1984 and is headquartered in Austin, Texas, USA.
Cirrus Logic offers a wide range of products including audio converters, audio codecs, digital signal processors, and other analog and mixed-signal ICs.
The company's products are used in various applications such as consumer electronics, automotive audio systems, and professional audio equipment.
Cirrus Logic is known for its expertise in analog and mixed-signal technology, high-quality products, and innovation in the field of audio and voice processing.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com