Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5504 Datasheet(PDF) 1 Page - Cirrus Logic

Part # CS5504
Description  Low Power, 20-Bit A/D Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5504 Datasheet(HTML) 1 Page - Cirrus Logic

  CS5504 Datasheet HTML 1Page - Cirrus Logic CS5504 Datasheet HTML 2Page - Cirrus Logic CS5504 Datasheet HTML 3Page - Cirrus Logic CS5504 Datasheet HTML 4Page - Cirrus Logic CS5504 Datasheet HTML 5Page - Cirrus Logic CS5504 Datasheet HTML 6Page - Cirrus Logic CS5504 Datasheet HTML 7Page - Cirrus Logic CS5504 Datasheet HTML 8Page - Cirrus Logic CS5504 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
1
Copyright
© Cirrus Logic, Inc. 1997
(All Rights Reserved)
Cirrus Logic, Inc.
Crystal Semiconductor Products Division
P.O. Box 17847, Austin, Texas 78760
(512) 445 7222 FAX: (512) 445 7581
http://www.crystal.com
CS5504
Low Power, 20-Bit A/D Converter
Features
l Delta-sigma A/D Converter
- 20-bit, No Missing Codes
- Linearity Error: ±0.0007%FS
l 2 Differential Inputs
- Pin-selectable Unipolar/Bipolar Ranges
- Common Mode Rejection
105 dB @ dc
120 dB @ 50, 60 Hz
l Either 5V or 3.3V Digital Interface
l On-chip Self-calibration Circuitry
l Output Update Rates up to 200/Sps
l Low Power Consumption: 4.4 mW
Description
The CS5504 is a 2-channel, fully differential 20-bit, seri-
al-output CMOS A/D converter. The CS5504 uses
charge-balanced (delta-sigma) techniques to provide a
low cost, high-resolution measurement at output word
rates up to 200 samples per second.
The on-chip digital filter offers superior line rejection at
50 Hz and 60 Hz when the device is operated from a
32.768 kHz clock (output word rate = 20 Sps).
The CS5504 has on-chip self-calibration circuitry which
can be initiated at any time or temperature to ensure
minimum offset and full-scale errors.
Low power, high-resolution and small package size
make the CS5504 an ideal solution for loop-powered
transmitters, panel meters, weigh scales and battery-
powered instruments.
ORDERING INFORMATION
See page 23.
CS5504-BS
-40° to +85° C 20-pin SOIC
I
CS
AIN1-
A0
VREF+
VREF-
DGND
VD+
SCLK
SDATA
DRDY
CAL
BP/UP
CONV
XIN
AIN1+
8
10
1
12
13
16
2
18
19
20
4
7
35
AIN2-
AIN2+
9
11
XOUT
6
17
VA-
15
VA+
14
MUX
4th-Order
Delta-Sigma
Modulator
Digital
Filter
Calibration
µC
Serial
Interface
Logic
OSC
Calibration SRAM
MAR ‘95
DS126F1
Copyright
© Cirrus Logic, Inc. 2005
(All Rights Reserved)
http://www.cirrus.com
CS5504
Low-power, 20-bit A/D Converter
AUG ‘05
DS126F2
Copyright
© Cirrus Logic, Inc. 2005
(All Rights Reserved)
http://www.cirrus.com
CDB5504
Evaluation Board for CS5504 A/D Converter
AUG ‘05
DS126DB2
Copyright
© Cirrus Logic, Inc. 2005
(All Rights Reserved)
http://www.cirrus.com
CS5504
Low-power, 20-bit A/D Converter
AUG ‘05
DS126F2


Similar Part No. - CS5504

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS5501 CIRRUS-CS5501 Datasheet
702Kb / 54P
Non-aliasing, 16- & 20-bit A/D Converters
CS5501 CIRRUS-CS5501 Datasheet
520Kb / 54P
Low-Cost, 16 & 20-Bit Measurement A/D Converter
CS5501-AP CIRRUS-CS5501-AP Datasheet
520Kb / 54P
Low-Cost, 16 & 20-Bit Measurement A/D Converter
CS5501-AS CIRRUS-CS5501-AS Datasheet
520Kb / 54P
Low-Cost, 16 & 20-Bit Measurement A/D Converter
CS5501-BP CIRRUS-CS5501-BP Datasheet
702Kb / 54P
Non-aliasing, 16- & 20-bit A/D Converters
More results

Similar Description - CS5504

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7703 AD-AD7703 Datasheet
251Kb / 16P
LC2MOS 20-Bit A/D Converter
REV.D
logo
Cirrus Logic
CS4327 CIRRUS-CS4327 Datasheet
1Mb / 36P
Low Cost, 20-Bit, Stereo, Audio D/A Converter
logo
Intersil Corporation
HI5710A INTERSIL-HI5710A Datasheet
154Kb / 20P
10-Bit, 20 MSPS A/D Converter
August 1997
logo
Maxwell Technologies
5102ALP MAXWELL-5102ALP Datasheet
248Kb / 14P
16-Bit, 20 KHz A/D Converter
logo
Cirrus Logic
CS5501-AP CIRRUS-CS5501-AP Datasheet
520Kb / 54P
Low-Cost, 16 & 20-Bit Measurement A/D Converter
CDB5504 CIRRUS-CDB5504 Datasheet
353Kb / 24P
Low Power, 20-Bit A/D Converter
logo
Analog Devices
AD9034 AD-AD9034_15 Datasheet
1Mb / 11P
12 BIT 20 MSPS A/D CONVERTER
REV. 0
AD7703 AD-AD7703_15 Datasheet
458Kb / 16P
20-Bit A/D Converter
Rev. E
logo
Texas Instruments
ADC08200 TI1-ADC08200 Datasheet
1Mb / 27P
8-Bit, 20 Msps to 200 Msps, Low Power A/D Converter
logo
Analog Devices
AD7703 AD-AD7703_17 Datasheet
453Kb / 17P
20-Bit A/D Converter
23-Feb-2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com