Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5504 Datasheet(PDF) 16 Page - Cirrus Logic

Part # CS5504
Description  Low Power, 20-Bit A/D Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5504 Datasheet(HTML) 16 Page - Cirrus Logic

Back Button CS5504 Datasheet HTML 12Page - Cirrus Logic CS5504 Datasheet HTML 13Page - Cirrus Logic CS5504 Datasheet HTML 14Page - Cirrus Logic CS5504 Datasheet HTML 15Page - Cirrus Logic CS5504 Datasheet HTML 16Page - Cirrus Logic CS5504 Datasheet HTML 17Page - Cirrus Logic CS5504 Datasheet HTML 18Page - Cirrus Logic CS5504 Datasheet HTML 19Page - Cirrus Logic CS5504 Datasheet HTML 20Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
first rising edge of SCLK enables the shifting
mechanism. This allows the falling edges of
SCLK to shift subsequent data bits out of the
port. Note that if the MSB data bit is output and
the SCLK signal is high, the first falling edge of
SCLK will be ignored because the shifting
mechanism has not become activated. After the
first rising edge of SCLK, each subsequent fall-
ing edge will shift out the serial data. Once the
LSB is present, the falling edge of SCLK will
cause the SDATA output to go to Hi-Z and
DRDY to return high.
The serial port register
will be updated with a new data word upon the
completion of another conversion if the serial
port has been emptied, or if the CS is inactive
(high).
CS can be operated asynchronously to the
DRDY signal. The DRDY signal need not be
monitored as long as the CS signal is taken low
for at least two XIN clock cycles plus 200 ns
prior to SCLK being toggled. This ensures that
CS has gained control over the serial port.
Power Supplies and Grounding
The analog and digital supply pins to the
CS5504 are brought out on separate pins to
minimize noise coupling between the analog and
digital sections of the chip. Note that there is no
analog ground pin. No analog ground pin is re-
quired because the inputs for measurement and
for the voltage reference are differential and re-
quire no ground.
In the digital section of the
chip the supply current flows into the VD+ pin
and out of the DGND pin. As a CMOS device,
the CS5504 requires that the supply voltage on
the VA+ pin always be more positive than the
voltage on any other pin of the device. If this
requirement is not met, the device can latch-up
or be damaged. In all circumstances the VA+
voltage must remain more positive than the VD+
or DGND pins; VD+ must remain more positive
than the DGND pin.
The following power supply options are possi-
ble:
VA+ = +5V to +10V,
VA- = 0V,
VD+ = +5V
VA+ = +5V,
VA- = -5V,
VD+ = +5V
VA+ = +5V,
VA- = 0V to -5V,
VD+ = +3.3V
The CS5504 cannot be operated with a 3.3V
digital supply if VA+ is greater than +5.5V.
Figure 8 illustrates the System Connection Dia-
gram for the CS5504 using a single +5V supply.
Note that all supply pins are bypassed with
0.1
µF capacitors and that the VD+ digital sup-
ply is derived from the VA+ supply.
Figure 9 illustrates the CS5504 using dual sup-
plies of +5 and -5V.
Figure 10 illustrates the CS5504 using dual sup-
plies of +10V analog and +5V digital.
When using separate supplies for VA+ and
VD+, VA+ must be established first.
VD+
should never become more positive than VA+
under any operating condition. Remember to in-
vestigate transient power-up conditions, when
one power supply may have a faster rise time.
CS5504
16
DS126F1
CS5504
16
DS126F2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com