Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5504 Datasheet(PDF) 10 Page - Cirrus Logic

Part # CS5504
Description  Low Power, 20-Bit A/D Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5504 Datasheet(HTML) 10 Page - Cirrus Logic

Back Button CS5504 Datasheet HTML 6Page - Cirrus Logic CS5504 Datasheet HTML 7Page - Cirrus Logic CS5504 Datasheet HTML 8Page - Cirrus Logic CS5504 Datasheet HTML 9Page - Cirrus Logic CS5504 Datasheet HTML 10Page - Cirrus Logic CS5504 Datasheet HTML 11Page - Cirrus Logic CS5504 Datasheet HTML 12Page - Cirrus Logic CS5504 Datasheet HTML 13Page - Cirrus Logic CS5504 Datasheet HTML 14Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
GENERAL DESCRIPTION
The CS5504 is a low power, 20-bit, monolithic
CMOS A/D converter designed specifically for
measurement of dc signals.
The CS5504 in-
cludes a delta-sigma charge-balance converter, a
voltage reference, a calibration micro controller
with SRAM, a digital filter and a serial interface.
The CS5504 is optimized to operate from a
32.768 kHz crystal but can be driven by an ex-
ternal clock whose frequency is between 30 kHz
and 330 kHz. When the digital filter is operated
with a 32.768 kHz clock, the filter has zeros pre-
cisely at 50 and 60 Hz line frequencies and
multiples thereof.
The CS5504 uses a "start convert" command to
latch the input channel selection and to start a
convolution cycle on the digital filter. Once the
filter cycle is completed, the output port is up-
dated. When operated with a 32.768 kHz clock
the ADC converts and updates its output port at
20 samples/sec. The output port operates in a
synchronous externally-clocked interface format.
THEORY OF OPERATION
Basic Converter Operation
The CS5504 A/D converter has three operating
states. These are stand-by, calibration, and con-
version. When power is first applied, an internal
power-on reset delay of about 10 ms resets all of
the logic in the device. The oscillator must then
begin oscillating before the device can be con-
sidered functional. After the power-on reset is
applied, the device enters the wake-up period for
1800 clock cycles after clock is present.
This
allows the delta-sigma modulator and other cir-
cuitry (which are operating with very low
currents) to reach a stable bias condition prior to
entering into either the calibration or conversion
states. During the 1800 cycle wake-up period,
the device can accept an input command. Execu-
tion of this command will not occur until the
complete wake-up period elapses.
If no com-
mand is given, the device enters the standby
state.
Calibration
After the initial application of power, the
CS5504 must enter the calibration state prior to
performing accurate conversions. During calibra-
tion, the chip executes a two-step process. The
device first performs an offset calibration and
then follows this with a gain calibration.
The
two calibration steps determine the zero refer-
ence point and the full scale reference point of
the converter’s transfer function.
From these
points it calibrates the zero point and a gain
slope to be used to properly scale the output
digital codes when doing conversions.
The calibration state is entered whenever the
CAL and CONV pins are high at the same time.
The state of the CAL and CONV pins at power-
on are recognized as commands, but will not be
executed until the end of the 1800 clock cycle
wake-up period.
If CAL and CONV become active (high) during
the 1800 clock cycle wake-up time, the con-
verter will wait until the wake-up period elapses
before executing the calibration. If the wake-up
time has elapsed, the converter will be in the
standby mode waiting for instruction and will
enter the calibration cycle immediately if CAL
and CONV become active. The calibration lasts
for 3246 clock cycles.
Calibration coefficients
are then retained in the SRAM (static RAM) for
use during conversion.
The states of A0 and BP/UP are ignored during
calibration but should remain stable throughout
the calibration period to minimize noise.
When conversions are performed in unipolar
mode or in bipolar mode, the converter uses the
same calibration factors to compute the digital
CS5504
10
DS126F1
CS5504
10
DS126F2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com