Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5504 Datasheet(PDF) 7 Page - Cirrus Logic

Part # CS5504
Description  Low Power, 20-Bit A/D Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5504 Datasheet(HTML) 7 Page - Cirrus Logic

Back Button CS5504 Datasheet HTML 3Page - Cirrus Logic CS5504 Datasheet HTML 4Page - Cirrus Logic CS5504 Datasheet HTML 5Page - Cirrus Logic CS5504 Datasheet HTML 6Page - Cirrus Logic CS5504 Datasheet HTML 7Page - Cirrus Logic CS5504 Datasheet HTML 8Page - Cirrus Logic CS5504 Datasheet HTML 9Page - Cirrus Logic CS5504 Datasheet HTML 10Page - Cirrus Logic CS5504 Datasheet HTML 11Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
5V SWITCHING CHARACTERISTICS (TA = TMIN to TMAX; VA+, VD+ = 5V ± 10%;
VA- = -5V
± 10%; Input Levels: Logic 0 = 0V, Logic 1 = VD+; CL = 50 pF.) (Note 2)
Parameter
Symbol
Min
Typ
Max
Units
Serial Clock
fsclk
0-
2.5
MHz
Serial Clock
Pulse Width High
Pulse Width Low
tph
tpl
200
200
-
-
-
-
ns
ns
Access Time:
CS Low to data valid (Note 15)
tcsd
-
60
200
ns
Maximum Delay Time:
(Note 16)
SCLK falling to new SDATA bit
tdd
-
150
310
ns
Output Float Delay:
CS high to output Hi-Z (Note 17)
SCLK falling to Hi-Z
tfd1
tfd2
-
-
60
160
150
300
ns
ns
Notes: 15. If CS is activated asynchronously to DRDY, CS will not be recognized if it occurs when DRDY is high
for 2 clock cycles. The propagation delay time may be as great as 2 fclk cycles plus 200 ns. To
guarantee proper clocking of SDATA when using asynchronous CS, SCLK should not be taken high
sooner than 2/fclk + 200 ns after CS goes low.
16. SDATA transitions on the falling edge of SCLK. Note that a rising SCLK must occur to enable the
serial port shifting mechanism before falling edges can be recognized.
17. If CS is returned high before all data bits are output, the SDATA output will complete the current data
bit and then go to high impedance.
3.3V SWITCHING CHARACTERISTICS (TA = TMIN to TMAX; VA+ = 5V ± 10%; VD+ = 3.3V ±
5%; VA- = -5V
± 10%; Input Levels: Logic 0 = 0V, Logic 1 = VD+; CL = 50 pF.) (Note 2)
Parameter
Symbol
Min
Typ
Max
Units
Serial Clock
fsclk
0
-
1.25
MHz
Serial Clock
Pulse Width High
Pulse Width Low
tph
tpl
200
200
-
-
-
-
ns
ns
Access Time:
CS Low to data valid (Note 15)
tcsd
-
100
200
ns
Maximum Delay Time:
(Note 16)
SCLK falling to new SDATA bit
tdd
-
400
600
ns
Output Float Delay:
CS high to output Hi-Z (Note 17)
SCLK falling to Hi-Z
tfd1
tfd2
-
-
70
320
150
500
ns
ns
CS5504
DS126F1
7
CS5504
DS126F2
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com