Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5504 Datasheet(PDF) 2 Page - Cirrus Logic

Part # CS5504
Description  Low Power, 20-Bit A/D Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5504 Datasheet(HTML) 2 Page - Cirrus Logic

  CS5504 Datasheet HTML 1Page - Cirrus Logic CS5504 Datasheet HTML 2Page - Cirrus Logic CS5504 Datasheet HTML 3Page - Cirrus Logic CS5504 Datasheet HTML 4Page - Cirrus Logic CS5504 Datasheet HTML 5Page - Cirrus Logic CS5504 Datasheet HTML 6Page - Cirrus Logic CS5504 Datasheet HTML 7Page - Cirrus Logic CS5504 Datasheet HTML 8Page - Cirrus Logic CS5504 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
ANALOG CHARACTERISTICS (TA = TMIN to TMAX; VA+ = 5V ± 10%; VA- = -5V ± 10%; VD+ =
3.3V
± 5%; VREF+ = 2.5V, VREF- = 0V; fCLK = 32.768kHz; Bipolar Mode; Rsource = 1kΩ with a 10nF to GND
at AIN.) (Notes 1, 2)
Parameter*
Min
Typ
Max
Units
Specified Temperature Range
-40 to +85
°C
Accuracy
Linearity Error
-
0.0007
0.0015
±%FS
Differential Nonlinearity
(No Missing Codes)
20
-
-
Bits
Full Scale Error
(Note 3)
-
±4
±32
LSB
Full Scale Drift
(Note 4)
-
±8
-LSB
Unipolar Offset
(Note 3)
-
±8
±32
LSB
Unipolar Offset Drift
(Note 4)
-
±8
-LSB
Bipolar Offset
(Note 3)
-
±4
±16
LSB
Bipolar Offset Drift
(Note 4)
-
±4
-LSB
Noise (Referred to Output)
-
2.6
-
LSBrms
Analog Input
Analog Input Range:
Unipolar
(Note 5)
Bipolar
-
-
0 to +2.5
±2.5
-
-
V
V
Common Mode Rejection:
dc
50, 60- Hz
(Note 2)
-
120
105
-
-
-
dB
dB
Off Channel Isolation
-
120
-
dB
Input Capacitance
-
15
-
pF
DC Bias Current
(Note 1)
-
5
-
nA
Power Supplies
DC Power Supply Currents:
ITotal
IAnalog
IDigital
-
-
-
465
425
40
600
-
-
µA
µA
µA
Power Dissipation
(Note 6)
-
4.4
6.0
mW
Power Supply Rejection
-
80
-
dB
Notes:
1. Both source resistance and shunt capacitance are critical in determining the CS5504’s source
impedance requirements. Refer to the text section
Analog Input Impedance Considerations.
2. Specifications guaranteed by design, characterization and/or test.
3. Applies after calibration at the temperature of interest.
4. Total drift over the specified temperature range since calibration at power-up at 25 °C
5. Common mode voltage may be at any value as long as AIN+ and AIN- remain within the VA+ and
VA- supply voltages.
6. All outputs unloaded. All inputs CMOS levels.
* Refer to the Specification Definitions immediately following the Pin Description Section.
Specifications are subject to change without notice.
CS5504
2
DS126F1
CS5504
2
DS126F2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com