Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5504 Datasheet(PDF) 14 Page - Cirrus Logic

Part # CS5504
Description  Low Power, 20-Bit A/D Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5504 Datasheet(HTML) 14 Page - Cirrus Logic

Back Button CS5504 Datasheet HTML 10Page - Cirrus Logic CS5504 Datasheet HTML 11Page - Cirrus Logic CS5504 Datasheet HTML 12Page - Cirrus Logic CS5504 Datasheet HTML 13Page - Cirrus Logic CS5504 Datasheet HTML 14Page - Cirrus Logic CS5504 Datasheet HTML 15Page - Cirrus Logic CS5504 Datasheet HTML 16Page - Cirrus Logic CS5504 Datasheet HTML 17Page - Cirrus Logic CS5504 Datasheet HTML 18Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
32.768 kHz.
Figures 5, 6 and 7 illustrate the
magnitude and phase characteristics of the filter.
Figure 5 illustrates the filter attenuation from dc
to 260 Hz. At exactly 50, 60, 100, and 120 Hz
the filter provides over 120 dB of rejection. Ta-
ble 3 indicates the filter attenuation for each of
the potential line interference frequencies when
the converter is operating with a 32.768 kHz
clock. The converter yields excellent attenuation
of these interference frequencies even if the fun-
damental line frequency should vary
± 1% from
its specified frequency.
The -3dB corner fre-
quency of the filter when operating from a
32.768 kHz clock is 17 Hz. Figure 7 illustrates
that the phase characteristics of the filter are pre-
cisely linear phase.
0
0
40
402.83
80
805.66
120
1208.5
160
1611.3
200
2014.2
240
2416.9
Frequency (Hz)
-160
-140
-120
-100
-80
-60
-40
-20
0
XIN = 32.768 kHz
X1
X2
X1 = 32.768kHz
X2 = 330.00kHz
Figure 5. Filter Magnitude Plot to 260 Hz
0
5
10
15
20
25
30
35
40
45
50
Frequency (Hz)
-140
-120
-100
-80
-60
-40
-20
0
Flatness
dB
-0.010
-0.041
-0.093
-0.166
-0.259
-0.510
-0.667
-0.846
-1.047
-3.093
1
2
3
4
5
6
7
8
9
10
17
XIN = 32.768 kHz
Frequency
-0.374
Figure 6. Filter Magnitude Plot to 50 Hz
0
5
10
15
20
25
30
35
40
45
50
Frequency (Hz)
-180
-135
-90
-45
0
45
90
135
180
XIN = 32.768 kHz
Figure 7. Filter Phase Plot to 50 Hz
Frequency
(Hz)
Notch
Depth
(dB)
Frequency
(Hz)
Minimum
Attenuation
(dB)
50
125.6
50
±1%
55.5
60
126.7
60
±1%
58.4
100
145.7
100
±1%
62.2
120
136.0
120
±1%
68.4
150
118.4
150
±1%
74.9
180
132.9
180
±1%
87.9
200
102.5
200
±1%
94.0
240
108.4
240
±1%
104.4
Table 3. Filter Notch Attenuation (XIN = 32.768 kHz)
CS5504
14
DS126F1
CS5504
14
DS126F2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com