Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5504 Datasheet(PDF) 20 Page - Cirrus Logic

Part # CS5504
Description  Low Power, 20-Bit A/D Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5504 Datasheet(HTML) 20 Page - Cirrus Logic

Back Button CS5504 Datasheet HTML 16Page - Cirrus Logic CS5504 Datasheet HTML 17Page - Cirrus Logic CS5504 Datasheet HTML 18Page - Cirrus Logic CS5504 Datasheet HTML 19Page - Cirrus Logic CS5504 Datasheet HTML 20Page - Cirrus Logic CS5504 Datasheet HTML 21Page - Cirrus Logic CS5504 Datasheet HTML 22Page - Cirrus Logic CS5504 Datasheet HTML 23Page - Cirrus Logic CS5504 Datasheet HTML 24Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 20 / 24 page
background image
PIN DESCRIPTIONS*
Clock Generator
XIN; XOUT - Crystal In; Crystal Out, Pins 5, 6.
A gate inside the chip is connected to these pins and can be used with a crystal to provide the
master clock for the device.
Alternatively, an external (CMOS compatible) clock can be
supplied into the XIN pin to provide the master clock for the device. Loss of clock will put the
device into a lower powered state (approximately 70% power reduction).
Serial Output I/O
CS - Chip Select, Pin 2.
This input allows an external device to access the serial port.
DRDY - Data Ready, Pin 20.
Data Ready goes low at the end of a digital filter convolution cycle to indicate that a new
output word has been placed into the serial port. DRDY will return high after all data bits are
shifted out of the serial port or two master clock cycles before new data becomes available if
the CS pin is inactive (high).
SDATA - Serial Data Output, Pin 19.
SDATA is the output pin of the serial output port. Data from this pin will be output at a rate
determined by SCLK. Data is output MSB first and advances to the next data bit on the falling
edges of SCLK. SDATA will be in a high impedance state when not transmitting data.
SCLK - Serial Clock Input, Pin 18.
A clock signal on this pin determines the output rate of the data from the SDATA pin. This pin
must not be allowed to float.
1
2
3
4
5
20
15
14
13
12
11
6
7
8
9
10
16
17
18
19
MULTIPLEXER SELECTION INPUT
A0
DRDY
DATA READY
CHIP SELECT
CS
SDATA
SERIAL DATA OUTPUT
CONVERT
CONV
SCLK
SERIAL CLOCK INPUT
CALIBRATE
CAL
VD+
POSITIVE DIGITAL POWER
CRYSTAL IN
XIN
DGND
DIGITAL GROUND
CRYSTAL OUT
XOUT
VA-
NEGATIVE ANALOG POWER
BIPOLAR/UNIPOLAR
BP/UP
VA+
POSITIVE ANALOG POWER
DIFFERENTIAL ANALOG INPUT
AIN1+
VREF-
VOLTAGE REFERENCE INPUT
DIFFERENTIAL ANALOG INPUT
AIN2+
VREF+
VOLTAGE REFERENCE INPUT
DIFFERENTIAL ANALOG INPUT
AIN1-
AIN2-
DIFFERENTIAL ANALOG INPUT
*Pinout applies to both PDIP and SOIC
CS5504
20
DS126F1
CS5504
20
DS126F2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com