Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5504 Datasheet(PDF) 9 Page - Cirrus Logic

Part # CS5504
Description  Low Power, 20-Bit A/D Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5504 Datasheet(HTML) 9 Page - Cirrus Logic

Back Button CS5504 Datasheet HTML 5Page - Cirrus Logic CS5504 Datasheet HTML 6Page - Cirrus Logic CS5504 Datasheet HTML 7Page - Cirrus Logic CS5504 Datasheet HTML 8Page - Cirrus Logic CS5504 Datasheet HTML 9Page - Cirrus Logic CS5504 Datasheet HTML 10Page - Cirrus Logic CS5504 Datasheet HTML 11Page - Cirrus Logic CS5504 Datasheet HTML 12Page - Cirrus Logic CS5504 Datasheet HTML 13Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
RECOMMENDED OPERATING CONDITIONS (DGND = 0V) (Note 18)
Parameter
Symbol
Min
Typ
Max
Units
DC Power Supplies:
Positive Digital
(VA+) - (VA-)
Positive Analog
Negative Analog
VD+
Vdiff
VA+
VA-
3.15
4.5
4.5
0
5.0
10
5.0
-5.0
5.5
11
11
-5.5
V
V
V
V
Analog Reference Voltage
(Note 19)
(VREF+)-
(VREF-)
1.0
2.5
3.6
V
Analog Input Voltage: (Note 20)
Unipolar
Bipolar
VAIN
VAIN
0
-((VREF+)-(VREF-))
-
-
(VREF+)-(VREF-)
(VREF+)-(VREF-)
V
V
Notes: 18. All voltages with respect to ground.
19. The CS5504 can be operated with a reference voltage as low as 100 mV; but with a
corresponding reduction in noise-free resolution. The common mode voltage of the voltage reference
may be any value as long as +VREF and -VREF remain inside the supply values of VA+ and VA-.
20. The CS5504 can accept input voltages up to the analog supplies (VA+ and VA-). In unipolar mode
the CS5504 will output all 1’s if the dc input magnitude ((AIN+)-(AIN-)) exceeds ((VREF+)-(VREF-))
and will output all 0’s if the input becomes more negative than 0 Volts. In bipolar mode the CS5504
will output all 1’s if the dc input magnitude ((AIN+)-(AIN-)) exceeds ((VREF+)-(VREF-)) and will output
all 0’s if the input becomes more negative in magnitude than -((VREF+)-(VREF-)).
ABSOLUTE MAXIMUM RATINGS*
Parameter
Symbol
Min
Typ
Max
Units
DC Power Supplies:
Digital Ground
(Note 21)
Positive Digital
(Note 22)
Positive Analog
Negative Analog
DGND
VD+
VA+
VA-
-0.3
-0.3
-0.3
+0.3
-
-
-
-
(VD+)-0.3
6.0 or VA+
12
-6.0
V
V
V
V
Input Current, Any Pin Except Supplies
(Notes 23, 24)
Iin
--
±10
mA
Output Current
Iout
--
±25
mA
Power Dissipation (Total)
(Note 25)
-
-
500
mW
Analog Input Voltage
AIN and VREF pins
VINA
(VA-)-0.3
-
(VA+)+0.3
V
Digital Input Voltage
VIND
-0.3
-
(VD+)+0.3
V
Ambient Operating Temperature
TA
-40
-
85
°C
Storage Temperature
Tstg
-65
-
150
°C
Notes: 21. No pin should go more positive than (VA+)+0.3V.
22. VD+ must always be less than (VA+) +0.3V, and can never exceed +6.0 V.
23. Applies to all pins including continuous overvoltage conditions at the analog input (AIN) pin.
24. Transient currents of up to 100mA will not cause SCR latch-up. Maximum input current for a power
supply pin is
± 50 mA.
25. Total power dissipation, including all input currents and output currents.
* WARNING: Operation at or beyond these limits may result in permanent damage to the device.
Normal operation is not guaranteed at these extremes.
CS5504
DS126F1
9
CS5504
DS126F2
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com