Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5504 Datasheet(PDF) 19 Page - Cirrus Logic

Part # CS5504
Description  Low Power, 20-Bit A/D Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5504 Datasheet(HTML) 19 Page - Cirrus Logic

Back Button CS5504 Datasheet HTML 15Page - Cirrus Logic CS5504 Datasheet HTML 16Page - Cirrus Logic CS5504 Datasheet HTML 17Page - Cirrus Logic CS5504 Datasheet HTML 18Page - Cirrus Logic CS5504 Datasheet HTML 19Page - Cirrus Logic CS5504 Datasheet HTML 20Page - Cirrus Logic CS5504 Datasheet HTML 21Page - Cirrus Logic CS5504 Datasheet HTML 22Page - Cirrus Logic CS5504 Datasheet HTML 23Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
CS5504
+10V
Analog
Supply
VD+
VA+
Control
Logic
VA-
0.1
µF
0.1
µF
14
15
17
Voltage
Reference
+
-
Optional
Clock
Source
Serial
Data
Interface
*Unused analog inputs should
be tied to signal ground
Unused Logic
inputs must be
connected to
VD+ or DGND
Calibration
Control
Bipolar/
Unipolar
Input Select
Analog*
Signal
Sources
5
6
3
20
2
1
19
18
16
8
10
12
13
4
7
11
9
SCLK
SDATA
XIN
XOUT
DRDY
CS
CONV
A0
DGND
VREF+
VREF-
AIN1+
AIN2-
CAL
BP/UP
AIN1-
AIN2+
32.768 kHz
Note: VD+ should never be more positive than VA+
+5V
Digital
Supply
Figure 10. CS5504 System Connection Diagram Using Dual Supply,
+10V Analog, +5V Digital
Schematic & Layout Review Service
Confirm Optimum
Schematic & Layout
Before Building Your Board.
Confirm Optimum
Schematic & Layout
Before Building Your Board.
For Our Free Review Service
Call Applications Engineering.
For Our Free Review Service
Call Applications Engineering.
Call: (512) 445-7222
CS5504
DS126F1
19
CS5504
DS126F2
19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com