Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5504 Datasheet(PDF) 12 Page - Cirrus Logic

Part # CS5504
Description  Low Power, 20-Bit A/D Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5504 Datasheet(HTML) 12 Page - Cirrus Logic

Back Button CS5504 Datasheet HTML 8Page - Cirrus Logic CS5504 Datasheet HTML 9Page - Cirrus Logic CS5504 Datasheet HTML 10Page - Cirrus Logic CS5504 Datasheet HTML 11Page - Cirrus Logic CS5504 Datasheet HTML 12Page - Cirrus Logic CS5504 Datasheet HTML 13Page - Cirrus Logic CS5504 Datasheet HTML 14Page - Cirrus Logic CS5504 Datasheet HTML 15Page - Cirrus Logic CS5504 Datasheet HTML 16Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
ated from the standby state, there may be up to
two XIN clock cycles of uncertainty as to when
conversion actually begins. This is because the
internal logic operates at one half the external
clock rate and the exact phase of the internal
clock may be 180
° out of phase relative to the
XIN clock. When a new conversion is initiated
from the standby state, it will take up to two
XIN clock cycles to begin. Actual conversion
will use 1624 clock cycles before DRDY goes
low to indicate that the serial port has been up-
dated. See the Serial Interface Logic section of
the data sheet for information on reading data
from the serial port.
In the event the A/D conversion command
(CONV going positive) is issued during the con-
version state, the current conversion will be
terminated and a new conversion will be initi-
ated.
Voltage Reference
The CS5504 uses a differential voltage reference
input.
The positive input is VREF+ and the
negative input is VREF-. The voltage between
VREF+ and VREF- can range from 1 volt mini-
mum to 3.6 volts maximum. The gain slope will
track changes in the reference without recalibra-
tion, accommodating ratiometric applications.
Analog Input Range
The analog input range is set by the magnitude
of the voltage between the VREF+ and VREF-
pins.
In unipolar mode the input range will
equal the magnitude of the voltage reference. In
bipolar mode the input voltage range will equate
to plus and minus the magnitude of the voltage
reference. While the voltage reference can be as
great as 3.6 volts, its common mode voltage can
be any value as long as the reference inputs
VREF+ and VREF- stay within the supply volt-
ages for the A/D. The differential input voltage
can also have any common mode value as long
as the maximum signal magnitude stays within
the supply voltages.
The A/D converter is intended to measure dc or
low frequency inputs. It is designed to yield ac-
curate conversions even with noise exceeding
the input voltage range as long as the spectral
components of this noise will be filtered out by
the digital filter. For example, with a 3.0 volt
reference in unipolar mode, the converter will
accurately convert an input dc signal up to
3.0 volts with up to 15% overrange for 60 Hz
noise. A 3.0 volt dc signal could have a 60 Hz
component which is 0.5 volts above the maxi-
mum input of 3.0 (3.5 volts peak; 3.0 volts dc
plus 0.5 volts peak noise) and still accurately
convert the input signal (XIN = 32.768 kHz).
This assumes that the signal plus noise ampli-
tude stays within the supply voltages.
The CS5504 converters output data in binary
format when converting unipolar signals and in
offset binary format when converting bipolar
signals. Table 2 outlines the output coding for
both unipolar and bipolar measurement modes.
Unipolar Input
Voltage
Output
Codes
Bipolar Input
Voltage
>(VREF - 1.5 LSB)
FFFFF
>(VREF - 1.5 LSB)
VREF - 1.5 LSB
FFFFF
FFFFE
VREF - 1.5 LSB
VREF/2 - 0.5 LSB
80000
7FFFF
-0.5 LSB
+ 0.5 LSB
00001
00000
-VREF + 0.5 LSB
<(+ 0.5 LSB)
00000
<(VREF + 0.5 LSB)
Note: Table excludes common mode voltage on the
signal and reference inputs.
Table 2. Output Coding
CS5504
12
DS126F1
CS5504
12
DS126F2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com