Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5504 Datasheet(PDF) 3 Page - Cirrus Logic

Part # CS5504
Description  Low Power, 20-Bit A/D Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5504 Datasheet(HTML) 3 Page - Cirrus Logic

  CS5504 Datasheet HTML 1Page - Cirrus Logic CS5504 Datasheet HTML 2Page - Cirrus Logic CS5504 Datasheet HTML 3Page - Cirrus Logic CS5504 Datasheet HTML 4Page - Cirrus Logic CS5504 Datasheet HTML 5Page - Cirrus Logic CS5504 Datasheet HTML 6Page - Cirrus Logic CS5504 Datasheet HTML 7Page - Cirrus Logic CS5504 Datasheet HTML 8Page - Cirrus Logic CS5504 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
5V DIGITAL CHARACTERISTICS (TA = TMIN to TMAX; VA+, VD+ = 5V ± 10%; VA- = -5V ± 10%;
DGND = 0.) (Notes 2, 7)
Parameter
Symbol
Min
Typ
Max
Units
High-Level Input Voltage:
XIN
All Pins Except XIN
VIH
VIH
3.5
2.0
-
-
-
-
V
V
Low-Level Input Voltage:
XIN
All Pins Except XIN
VIL
VIL
-
-
-
-
1.5
0.8
V
V
High-Level Output Voltage
(Note 8)
VOH
(VD+)-1.0
-
-
V
Low-Level Output Voltage
Iout = 1.6 mA
VOL
--
0.4
V
Input Leakage Current
Iin
-
±1
±10
µA
3-State Leakage Current
IOZ
--
±10
µA
Digital Output Pin Capacitance
Cout
-9
-
pF
Notes:
7. All measurements are performed under static conditions.
8. Iout = -100
µA. This guarantees the ability to drive one TTL load. (VOH = 2.4V @ Iout = -40 µA).
DYNAMIC CHARACTERISTICS
Parameter
Symbol
Ratio
Units
Modulator Sampling Frequency
fs
fclk/2
Hz
Output Update Rate (CONV = 1)
fout
fclk/1622
Sps
Filter Corner Frequency
f-3dB
fclk/1928
Hz
Settling Time to 1/2 LSB (FS Step)
ts
1/fout
s
3.3V DIGITAL CHARACTERISTICS (TA = TMIN to TMAX; VA+ = 5V ± 10%; VD+ = 3.3V ± 5%;
VA- = -5V
±10%; GND = 0V.) (Notes 2, 7)
Parameter
Symbol
Min
Typ
Max
Units
High-Level Input Voltage:
XIN
All Pins Except XIN
VIH
VIH
0.7VD+
0.6VD+
-
-
-
-
V
V
Low-Level Input Voltage:
XIN
All Pins Except XIN
VIL
VIL
-
-
-
-
0.3VD+
0.16VD+
V
V
High-Level Output Voltage
Iout = -400 µA
VOH
(VD+)-0.3
-
-
V
Low-Level Output Voltage
Iout = 400 µA
VOL
--
0.3
V
Input Leakage Current
Iin
-
±1
±10
µA
3-State Leakage Current
IOZ
--
±10
µA
Digital Output Pin Capacitance
Cout
-9
-
pF
CS5504
DS126F1
3
CS5504
DS126F2
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com