Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M61510AFP Datasheet (PDF) - Renesas Technology Corp

M61510AFP Datasheet PDF - Renesas Technology Corp
Part # M61510AFP
Download  M61510AFP Download
File Size   681.69 Kbytes
Page   23 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Sound Controller for Quality/Sound Field Control, with Built-in Surround Sound

M61510AFP Datasheet (PDF)

Go To PDF Page Download Datasheet
M61510AFP Datasheet PDF - Renesas Technology Corp

Part # M61510AFP
Download  M61510AFP Click to download

File Size   681.69 Kbytes
Page   23 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Sound Controller for Quality/Sound Field Control, with Built-in Surround Sound

M61510AFP Datasheet (HTML) - Renesas Technology Corp


M61510AFP Product details

Description

The M61510AFP is a digital sound controller IC which is ideal for home audio applications. M61510AFP includes

five-input selector, input volume control, surround sound (effect switchable in three stages), tone control (3 bands), loudness, and two-channel master volume control, all controllable via serial data. The M61510AFP can be interfaced with external circuits even when using the internal surround sound. And a common data format (software-compatible) facilitates M61510AFP substitution.



Features

•  Five-input selector

•  Input volume control (2 dB steps/3 bits)

•  Surround sound IC interface

•  Internal surround function (ON/OFF, High/Mid/Low)

•  Internal surround function (bass/mid/treble)

•  Internal loudness function

•  Main volume control (1 dB steps (0 to -80 dB, -∞))

•  Microcomputer interface




Similar Part No. - M61510AFP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M61510FP RENESAS-M61510FP Datasheet
7Mb / 19P
DIGTAL SOUND CONTROLLER WIHT SURROUND
More results


Similar Description - M61510AFP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M61504FP MITSUBISHI-M61504FP Datasheet
195Kb / 17P
DIGITAL SOUND CONTROLLER WITH SURROUND
M62492FP MITSUBISHI-M62492FP Datasheet
440Kb / 23P
DIGITAL SOUND CONTROLLER WITH SURROUND
M62498FP MITSUBISHI-M62498FP Datasheet
191Kb / 17P
DIGITAL SOUND CONTROLLER WITH SURROUND
logo
NEC
UPC1892 NEC-UPC1892 Datasheet
299Kb / 42P
MATRIX SURROUND SOUND PROCESSOR WITH SOUND PROCESSOR
logo
Mitsubishi Electric Sem...
M62498AFP MITSUBISHI-M62498AFP Datasheet
272Kb / 17P
DIGITAL SOUND CONTROLLER WITH SURROUND
logo
Renesas Technology Corp
R2S15903SP RENESAS-R2S15903SP Datasheet
303Kb / 12P
Sound Controller with Surround and AGC
M61504FP RENESAS-M61504FP Datasheet
6Mb / 18P
DIGTAL SOUND CONTROLLER WIHT SURROUND
M61510FP RENESAS-M61510FP Datasheet
7Mb / 19P
DIGTAL SOUND CONTROLLER WIHT SURROUND
M62436FP RENESAS-M62436FP Datasheet
155Kb / 12P
SRS Sound Controller with SRS FOCUS, SRS Surround Sound On-Chip Sound Controller
logo
Rohm
BD3491FS ROHM-BD3491FS_14 Datasheet
1Mb / 34P
Sound Processor with Built-in Surround Sound Function
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com