Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M61510AFP Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # M61510AFP
Description  Sound Controller for Quality/Sound Field Control, with Built-in Surround Sound
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M61510AFP Datasheet(HTML) 5 Page - Renesas Technology Corp

  M61510AFP Datasheet HTML 1Page - Renesas Technology Corp M61510AFP Datasheet HTML 2Page - Renesas Technology Corp M61510AFP Datasheet HTML 3Page - Renesas Technology Corp M61510AFP Datasheet HTML 4Page - Renesas Technology Corp M61510AFP Datasheet HTML 5Page - Renesas Technology Corp M61510AFP Datasheet HTML 6Page - Renesas Technology Corp M61510AFP Datasheet HTML 7Page - Renesas Technology Corp M61510AFP Datasheet HTML 8Page - Renesas Technology Corp M61510AFP Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
M61510AFP
Rev.1.00, Aug.07.2003, page 5 of 22
Recommended Operating Conditions
(Unless otherwise specified, Ta=25°C)
Item
Symbol
Condition
MIN
TYP
MAX
Units
Power supply voltage
VCC
4.5
5.0
5.5
V
Logic "H" level input voltage
VIH
GND reference
2.4
VCC
V
Logic "L" level input voltage
VIL
GND reference
GND
0.7
V
Relation of Data and Clock
Data signal read on clock
rising edge
Latch signal read on clock
falling edge
Latch signal: H
CLOCK
DATA
D0
D1
D2
D3
D15
D16
D17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com