Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M61510AFP Datasheet(PDF) 15 Page - Renesas Technology Corp

Part # M61510AFP
Description  Sound Controller for Quality/Sound Field Control, with Built-in Surround Sound
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M61510AFP Datasheet(HTML) 15 Page - Renesas Technology Corp

Back Button M61510AFP Datasheet HTML 11Page - Renesas Technology Corp M61510AFP Datasheet HTML 12Page - Renesas Technology Corp M61510AFP Datasheet HTML 13Page - Renesas Technology Corp M61510AFP Datasheet HTML 14Page - Renesas Technology Corp M61510AFP Datasheet HTML 15Page - Renesas Technology Corp M61510AFP Datasheet HTML 16Page - Renesas Technology Corp M61510AFP Datasheet HTML 17Page - Renesas Technology Corp M61510AFP Datasheet HTML 18Page - Renesas Technology Corp M61510AFP Datasheet HTML 19Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 23 page
background image
M61510AFP
Rev.1.00, Aug.07.2003, page 15 of 22
(4) Vocal cut equivalent circuit diagram
This IC incorporates a circuit which uses a tone control midrange circuit to lower the midrange gain, to easily realize a
vocal cut function.
However, when the vocal cut function is on, the tone control midrange cannot be used.
Vocal cut switch
R1
C2
C1
IN
OUT
0dB
+10dB
100
1k
10k
Frequency f (Hz)
<Characteristic curves>
-30dB
-20dB
-10dB
External resistances: The frequency characteristics when vocal cut is on
can be set as shown below through the constants R1, C1, and C2.
Vocal cut switch
When vocal cut is on: switch off
When vocal cut is off: switch on
f0=550Hz
Gv=-30dB
550
R2
R3
R2+R3=200k
Ω
20log
R2+R3
R1
+2
2
(dB)
2
π R1(R2+R3)C1C2
1
(Hz)
f0 =
Gv =
0dB
+10dB
100
1k
10k
Frequency f (Hz)
-30dB
-20dB
-10dB
f0=530Hz
Gv=-20dB
550
R=3k
Ω C1=C2=0.012µF
1. Emphasis on vocal cut characteristic
R=10k
Ω, C1=C2=6800pF
2. Emphasis on tone control mid characteristic
Tone midrange waveform
when vocal cut is off
Vocal cut waveform
when vocal cut is on
Tone midrange waveform
when vocal cut is off
Vocal cut waveform
when vocal cut is on
8dB setting
8dB setting



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com