Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M61510AFP Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # M61510AFP
Description  Sound Controller for Quality/Sound Field Control, with Built-in Surround Sound
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M61510AFP Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button M61510AFP Datasheet HTML 7Page - Renesas Technology Corp M61510AFP Datasheet HTML 8Page - Renesas Technology Corp M61510AFP Datasheet HTML 9Page - Renesas Technology Corp M61510AFP Datasheet HTML 10Page - Renesas Technology Corp M61510AFP Datasheet HTML 11Page - Renesas Technology Corp M61510AFP Datasheet HTML 12Page - Renesas Technology Corp M61510AFP Datasheet HTML 13Page - Renesas Technology Corp M61510AFP Datasheet HTML 14Page - Renesas Technology Corp M61510AFP Datasheet HTML 15Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
M61510AFP
Rev.1.00, Aug.07.2003, page 11 of 22
(3) Tone control characteristics
(Unless otherwise specified, Vi=0.2 Vrms, 9.34 PIN input, 17.26 PIN output,
volume input selector A: external surround input, tone input selector: BYPASS, volume input selector B: TONE).
Ratings
Item
Symbol
Conditions
Min
typ
Max
Unit
Boost amount (bass)
G(BASS)B
f = 100 Hz
Tone base set to +8 dB
6
8
10
dB
Cut amount (bass)
G(BASS)C
f = 100 Hz
Tone base set to -8 dB
–10
–8
–6
dB
Boost amount (mid)
G(MID)B
f = 1 kHz
Tone mid set to +8 dB
6
8
10
dB
Cut amount (mid)
G(MID)B
f = 1 kHz
Tone mid set to -8 dB
–10
–8
–6
dB
Boost amount (treble)
G(TRE)B
f = 10 kHz
Tone treble set to +8 dB
6
8
10
dB
Cut amount (treble)
G(TRE)B
f = 10 kHz
Tone treble set to -8 dB
–10
–8
–6
dB
Channel balance
BALT
When each boost amount is
+8, -8 dB
−20
+2
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com