Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M61510AFP Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # M61510AFP
Description  Sound Controller for Quality/Sound Field Control, with Built-in Surround Sound
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M61510AFP Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button M61510AFP Datasheet HTML 6Page - Renesas Technology Corp M61510AFP Datasheet HTML 7Page - Renesas Technology Corp M61510AFP Datasheet HTML 8Page - Renesas Technology Corp M61510AFP Datasheet HTML 9Page - Renesas Technology Corp M61510AFP Datasheet HTML 10Page - Renesas Technology Corp M61510AFP Datasheet HTML 11Page - Renesas Technology Corp M61510AFP Datasheet HTML 12Page - Renesas Technology Corp M61510AFP Datasheet HTML 13Page - Renesas Technology Corp M61510AFP Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
M61510AFP
Rev.1.00, Aug.07.2003, page 10 of 22
Electrical Characteristics
(Unless otherwise specified, Ta = 25°C, VCC = 5.0 V, f = 1 kHz, the input main volume = 0 dB, surround and loudness
are OFF, the volume input selector A, B settings =BYPASS, and tone input selector =BYPASS; see the application
circuit example)
(1) Power supply characteristics
Ratings
Item
Symbol
Conditions
MIN
TYP
MAX
Unit
Circuit current
Aldd
No signal
35
60
mA
(2) I/O characteristics (total)
Ratings
Item
Symbol
Conditions
Min
typ
Max
Unit
Input
resistance
Rin
3~5 pin, 38~40 pin
22
3348k
Ω
VIMt
(input to pins 3-5, 38-40) pin 19, 24 output,
first stage main volume setting =-2 dB RL = 10 k
Ω,
THD = 1%
1.2
1.4
Vrms
Maximum
input voltage
VIMtDE
(pin 6, 7, 36, 37 input) pin 19, 24 output Note)
Input resistance =12 k
Ω, RL = 10 kΩ,
THD = 1% D, E ch ATT switch = -8 dB setting,
input VOL=-2 dB setting
2.8
4.4
Vrms
Maximum
output voltage
VOMt
(pin 3, 40 input) pin 19, 24 output, RL = 10 k
Ω,
THD = 1%
1.0
1.25
Vrms
Pass gain
Gvt
Gain across (pins 3-6, 37-40)-pins 19, 24,
Vi=0.5 Vrms, FLAT
−2.0
0
2.0
dB
Total harmonic
distortion
THDA
(pin 3, 40 input) pin 19, 24 output,
DIN-AUDIO, Vi=0.5 Vrms, RL = 30 k
Ω,
0.006
0.07
%
THDB
Volume input selector B settings
THDA: bypass, THDB: tone
0.009
0.09
%
pin 19, 24, Rg = 0
Ω, JIS-A
Main volume setting =-
∞
2.5
6
µVrms
NoA
pin 19, 24, Rg = 0
Ω, JIS-A
Main volume setting = 0 dB
510
µVrms
pin 19, 24, Rg = 0
Ω, JIS-A
Volume input selector B: tone
715
µVrms
Output noise
voltage
NoB
pin 19, 24, Rg = 0
Ω, JIS-A
Volume input selector B: tone,
tone input selector: surround
10
20
µVrms
Crosstalk
between
channels
CT
Vo = 0.5 Vrms, RL = 10 k
Ω, JIS-A,
Across pins 19-24, Rg = 0
Ω,
−80
−65
dB
Maximum
volume
attenuation
ATTmax
Vi = 1 Vrms, JIS-A, Main volume setting =-
∞
−80
dB
Note:
The 12 k
Ω input resistance should be inserted in series with the pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com