Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M61510AFP Datasheet(PDF) 12 Page - Renesas Technology Corp

Part # M61510AFP
Description  Sound Controller for Quality/Sound Field Control, with Built-in Surround Sound
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M61510AFP Datasheet(HTML) 12 Page - Renesas Technology Corp

Back Button M61510AFP Datasheet HTML 8Page - Renesas Technology Corp M61510AFP Datasheet HTML 9Page - Renesas Technology Corp M61510AFP Datasheet HTML 10Page - Renesas Technology Corp M61510AFP Datasheet HTML 11Page - Renesas Technology Corp M61510AFP Datasheet HTML 12Page - Renesas Technology Corp M61510AFP Datasheet HTML 13Page - Renesas Technology Corp M61510AFP Datasheet HTML 14Page - Renesas Technology Corp M61510AFP Datasheet HTML 15Page - Renesas Technology Corp M61510AFP Datasheet HTML 16Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 23 page
background image
M61510AFP
Rev.1.00, Aug.07.2003, page 12 of 22
Explanation of Functions
(1) Main volume
This IC includes two independent low-distortion, low-noise electronic volume systems. The attenuation can be set from
0 dB to -
∞ dB in 1 dB steps.
Also, the attenuation can be set between 0 and -16 dB for the first stage, and between 0 and -64 dB for the second stage,
and both can be controlled independently.
Equivalent circuit diagram for main volumes 1, 2
VOL IN1,2
18,25 pin
VOL OUT1,2
19,24 pin
0dB to -64dB:1dB steps
+
-
Tone and
surround
block
0dB to -16dB:
in 1dB steps
VSELB OUT1,2
17,26 pin
Volume input
selector A
+
-
Volume input
selector B
Switching
noise-reduction capacitor
VSELA OUT1,2
17,26 pin
(2) Input selector, input volume
Two channels of 5-input selectors, and two channels of input volume controls for input trimmers, are incorporated. The
D and E inputs of the input selectors can select either 0 dB or -8 dB input levels for an input resistance of 12 k
Ω using
the ATT switch. The input volume can be set between 0 and -14 dB in 2 dB steps.
0dB to -14dB: 2dB steps
To volume input selector A
E input ATT SW
(0dB/-8dB)
100k
100k
100k
A
B
C
D
E
50k
9.5k
Note 1) The input resistance for the D and E inputs changes
according to the ATT SW setting as follows.
D, E input ATT
-8dB : 20 k
Ω (TYP)
0dB : 60 k
Ω (TYP)
Note 2) When the input selector is A-C or E or is ALL OFF, the D input ATT SW
is set to -8 dB. When the input selector is A-D or is ALL OFF,
the E input ATT SW is set to -8 dB.
9.5k
D input ATT SW
(0dB/-8dB)
12k
12k
Note 4) When the external 12 k
Ω resistance is eliminated, the D and E input ATT amounts are set as follows.
0dBsetting: 1.87dB
-8dBsetting: 0dB
Note 3) The D and E input ATT amounts shown are the values when a D and E input resistance
Rin=12 k
Ω is connected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com