Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M61510AFP Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # M61510AFP
Description  Sound Controller for Quality/Sound Field Control, with Built-in Surround Sound
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M61510AFP Datasheet(HTML) 4 Page - Renesas Technology Corp

  M61510AFP Datasheet HTML 1Page - Renesas Technology Corp M61510AFP Datasheet HTML 2Page - Renesas Technology Corp M61510AFP Datasheet HTML 3Page - Renesas Technology Corp M61510AFP Datasheet HTML 4Page - Renesas Technology Corp M61510AFP Datasheet HTML 5Page - Renesas Technology Corp M61510AFP Datasheet HTML 6Page - Renesas Technology Corp M61510AFP Datasheet HTML 7Page - Renesas Technology Corp M61510AFP Datasheet HTML 8Page - Renesas Technology Corp M61510AFP Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
M61510AFP
Rev.1.00, Aug.07.2003, page 4 of 22
Absolute Maximum Ratings
Symbol
Item
Conditions
Rating
Unit
VCC
Power supply voltage
6.0
V
Pd
Internal power consumption
Ta
≤ 25°C
960
mV
K
Thermal reduction rate
Ta > 25
°C9.6
mV/
°C
Topr
Operating temperature range
−20~+75
°C
Tstg
Storage temperature
−40~+125
°C
Thermal Reduction Curve
Ambient temperature Ta [˚C]
0
500
1000
0
25
50
75
100
125
150
960mW
480



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com