Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M61510AFP Datasheet(PDF) 20 Page - Renesas Technology Corp

Part # M61510AFP
Description  Sound Controller for Quality/Sound Field Control, with Built-in Surround Sound
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M61510AFP Datasheet(HTML) 20 Page - Renesas Technology Corp

Back Button M61510AFP Datasheet HTML 15Page - Renesas Technology Corp M61510AFP Datasheet HTML 16Page - Renesas Technology Corp M61510AFP Datasheet HTML 17Page - Renesas Technology Corp M61510AFP Datasheet HTML 18Page - Renesas Technology Corp M61510AFP Datasheet HTML 19Page - Renesas Technology Corp M61510AFP Datasheet HTML 20Page - Renesas Technology Corp M61510AFP Datasheet HTML 21Page - Renesas Technology Corp M61510AFP Datasheet HTML 22Page - Renesas Technology Corp M61510AFP Datasheet HTML 23Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 20 / 23 page
background image
M61510AFP
Rev.1.00, Aug.07.2003, page 20 of 22
Units Resistance :
Ω
Capacitance : F
1k
1
µ
0.1
µ
0.1
µ
8200p
8200p
2700p
2.2
µ
0.1
µ
7.5k
7.5k
0.1
µ
0.1
µ
8200p
8200p
2700p
2.2
µ
0.1
µ
7.5k
7.5k
DATA
CLOCK
REC-C1
10
µ
10
µ
10
µ
10
µ
(2) Using internal surround [1]
<"D5d=0", "D13d=0"
→ SW41, 42 fixed at A, volume input selector A fixed at A>
REC-A1
REC-C2
REC-A2
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
24
23
22
50k
50k
50k
50k
Tone input
selector 1
Volume input
selector B1
Main volume 1
0 to -64dB,-
∞dB
Main volume 1
0 to -16dB
Main volume 2
0 to -64dB,-
∞dB
50k
25k
25k
REF amp
Input
volume 1
Input
volume 2
Volume input
selector A2
Volume input
selector A1
50k
Tone input
selector 2
Volume input
selector B2
Main volume 2
0 to -16dB
100k
100k
100k
100k
100k
100k
100k
100k
9.5k
D,E input
ATT SW
D,E input
ATT SW
REC-B SW
REC-B SW
REC-A SW
REC-A SW
REC-C SW
REC-C SW
SW41
SW42
A
B
A
B
A
B
A
B
A
B
A
B
A
B
A
B
100k
100k
200k
200k
9.5k
9.5k
12k
12k
12k
12k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com