Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M61510AFP Datasheet(PDF) 16 Page - Renesas Technology Corp

Part # M61510AFP
Description  Sound Controller for Quality/Sound Field Control, with Built-in Surround Sound
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M61510AFP Datasheet(HTML) 16 Page - Renesas Technology Corp

Back Button M61510AFP Datasheet HTML 12Page - Renesas Technology Corp M61510AFP Datasheet HTML 13Page - Renesas Technology Corp M61510AFP Datasheet HTML 14Page - Renesas Technology Corp M61510AFP Datasheet HTML 15Page - Renesas Technology Corp M61510AFP Datasheet HTML 16Page - Renesas Technology Corp M61510AFP Datasheet HTML 17Page - Renesas Technology Corp M61510AFP Datasheet HTML 18Page - Renesas Technology Corp M61510AFP Datasheet HTML 19Page - Renesas Technology Corp M61510AFP Datasheet HTML 20Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 23 page
background image
M61510AFP
Rev.1.00, Aug.07.2003, page 16 of 22
(5) Loudness
This IC incorporates a center-tap loudness circuit.
VOL IN1,2
18,25 pin
VOL OUT1,2
19,24 pin
+
-
0dB to -16dB:
1dB steps
VSELB OUT1,2
17,26 pin
Volume input
selector A
+
-
Volume input selector B
Loudness
circuitry
Loudness
SW
LOUD1,2
11,32pin
Tone and
surround
block
0dB to -64dB:1dB steps
<Characteristic curves>
Frequency f (Hz)
-10dB
0dB
-20dB
-16dB
100
10k
1k
fo=32
The loudness circuitry fo is determined by the
50 k
Ω internal resistance and the external
capacitor C, represented by the following equation.
fo = 1/ (2
π × 50kΩ × C) Hz
When C = 0.1
µF,
fo = 1/(2
π × 50kΩ × 0.1µF) = 32 Hz
(6) Equivalent circuit with surround on
Ch2
Ch1
Out1
Out2
External
5k
5k
5k
1k
5k
10k
5k
5k
5k
1
µ
200k
200k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com