Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M61510AFP Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # M61510AFP
Description  Sound Controller for Quality/Sound Field Control, with Built-in Surround Sound
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M61510AFP Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button M61510AFP Datasheet HTML 9Page - Renesas Technology Corp M61510AFP Datasheet HTML 10Page - Renesas Technology Corp M61510AFP Datasheet HTML 11Page - Renesas Technology Corp M61510AFP Datasheet HTML 12Page - Renesas Technology Corp M61510AFP Datasheet HTML 13Page - Renesas Technology Corp M61510AFP Datasheet HTML 14Page - Renesas Technology Corp M61510AFP Datasheet HTML 15Page - Renesas Technology Corp M61510AFP Datasheet HTML 16Page - Renesas Technology Corp M61510AFP Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
M61510AFP
Rev.1.00, Aug.07.2003, page 13 of 22
(3) Tone control equivalent circuit
3-1 Bass, mid (boost mode)
f0 =
Q
Gv =
2
π R1(R2+R3)C1C2
1
C1+C2
1
C1C2R2
R1
20log
R2+R3
R1
R3
R1
+2
+2
(Hz)
(dB)
R1
C1
C2
R2
R3
3-2 Bass, mid (cut mode)
IN
OUT
f0 =
Q
Gv =
2
π R1(R2+R3)C1C2
1
C1+C2
1
C1C2R2
R1
20log
R2+R3
R1
+2
R3
R1
+2
(Hz)
(dB)
R1
C2
C1
R3
R2
IN
OUT
*Internal resistance values (units:
Ω)
<Boost>
<Cut>
Setting
R2
R3
R2
R3
+2dB
10.6k
27.3k
+4dB
19.1k
18.8k
+6dB
25.8k
12.1k
+8dB
31.1k
6.8k
+2dB
10.6k
27.3k
+4dB
19.1k
18.8k
+6dB
25.8k
12.1k
+8dB
31.1k
6.8k
Setting



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com