Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M61510AFP Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # M61510AFP
Description  Sound Controller for Quality/Sound Field Control, with Built-in Surround Sound
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M61510AFP Datasheet(HTML) 1 Page - Renesas Technology Corp

  M61510AFP Datasheet HTML 1Page - Renesas Technology Corp M61510AFP Datasheet HTML 2Page - Renesas Technology Corp M61510AFP Datasheet HTML 3Page - Renesas Technology Corp M61510AFP Datasheet HTML 4Page - Renesas Technology Corp M61510AFP Datasheet HTML 5Page - Renesas Technology Corp M61510AFP Datasheet HTML 6Page - Renesas Technology Corp M61510AFP Datasheet HTML 7Page - Renesas Technology Corp M61510AFP Datasheet HTML 8Page - Renesas Technology Corp M61510AFP Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
Rev.1.00, Aug.07.2003, page 1 of 22
M61510AFP
Sound Controller for Quality/Sound Field Control,
with Built-in Surround Sound
REJ03F0013-0100Z
Rev.1.00
Aug.07.2003
Description
The M61510AFP is a digital sound controller IC which is ideal for home audio applications. M61510AFP includes
five-input selector, input volume control, surround sound (effect switchable in three stages), tone control (3 bands),
loudness, and two-channel master volume control, all controllable via serial data. The M61510AFP can be interfaced
with external circuits even when using the internal surround sound. And a common data format (software-compatible)
facilitates M61510AFP substitution.
Features
• Five-input selector
• Input volume control (2 dB steps/3 bits)
• Surround sound IC interface
• Internal surround function (ON/OFF, High/Mid/Low)
• Internal surround function (bass/mid/treble)
• Internal loudness function
• Main volume control (1 dB steps (0 to -80 dB, -∞))
• Microcomputer interface
Recommended Operating Conditions
• Power supply voltage range: VCC = 4.5 to 5.5 V
• Rated power supply voltage: VCC = 5 V
System Block Diagram
VOL
OUT2
VOL
OUT1
CLOCK
DATA
Microcomputer interface
Tone control
Surround sound
IN A1
IN B1
IN C1
IN D1
IN E1
IN A2
IN B2
IN C2
IN D2
IN E2
Main
volume A1
& loudness
Main
volume A2
& loudness
Input
volume
Input
volume
Main
volume B1
Main
volume B2
Surround
sound IC
Surround
sound IC


Similar Part No. - M61510AFP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M61510FP RENESAS-M61510FP Datasheet
7Mb / 19P
DIGTAL SOUND CONTROLLER WIHT SURROUND
More results

Similar Description - M61510AFP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M61504FP MITSUBISHI-M61504FP Datasheet
195Kb / 17P
DIGITAL SOUND CONTROLLER WITH SURROUND
M62492FP MITSUBISHI-M62492FP Datasheet
440Kb / 23P
DIGITAL SOUND CONTROLLER WITH SURROUND
M62498FP MITSUBISHI-M62498FP Datasheet
191Kb / 17P
DIGITAL SOUND CONTROLLER WITH SURROUND
logo
NEC
UPC1892 NEC-UPC1892 Datasheet
299Kb / 42P
MATRIX SURROUND SOUND PROCESSOR WITH SOUND PROCESSOR
logo
Mitsubishi Electric Sem...
M62498AFP MITSUBISHI-M62498AFP Datasheet
272Kb / 17P
DIGITAL SOUND CONTROLLER WITH SURROUND
logo
Renesas Technology Corp
R2S15903SP RENESAS-R2S15903SP Datasheet
303Kb / 12P
Sound Controller with Surround and AGC
M61504FP RENESAS-M61504FP Datasheet
6Mb / 18P
DIGTAL SOUND CONTROLLER WIHT SURROUND
M61510FP RENESAS-M61510FP Datasheet
7Mb / 19P
DIGTAL SOUND CONTROLLER WIHT SURROUND
M62436FP RENESAS-M62436FP Datasheet
155Kb / 12P
SRS Sound Controller with SRS FOCUS, SRS Surround Sound On-Chip Sound Controller
logo
Rohm
BD3491FS ROHM-BD3491FS_14 Datasheet
1Mb / 34P
Sound Processor with Built-in Surround Sound Function
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com