Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M61510AFP Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # M61510AFP
Description  Sound Controller for Quality/Sound Field Control, with Built-in Surround Sound
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M61510AFP Datasheet(HTML) 3 Page - Renesas Technology Corp

  M61510AFP Datasheet HTML 1Page - Renesas Technology Corp M61510AFP Datasheet HTML 2Page - Renesas Technology Corp M61510AFP Datasheet HTML 3Page - Renesas Technology Corp M61510AFP Datasheet HTML 4Page - Renesas Technology Corp M61510AFP Datasheet HTML 5Page - Renesas Technology Corp M61510AFP Datasheet HTML 6Page - Renesas Technology Corp M61510AFP Datasheet HTML 7Page - Renesas Technology Corp M61510AFP Datasheet HTML 8Page - Renesas Technology Corp M61510AFP Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
M61510AFP
Rev.1.00, Aug.07.2003, page 3 of 22
Pin Descliption
Pin No.
Pin Name
Function
1
REF IN
Reference amp input pin
2
REF OUT
Reference amp output pin
3, 4, 5, 6, 7,
36, 37, 38, 39, 40
IN 1A, 1B, 1C, 1D, 1E,
2A, 2B, 2C, 2D, 2E
Ch 1, 2 input selector input pins
8, 35
INVOL ONT1, 2
Input volume 1,2 output pins
9, 34
VSELA IN1, 2/REC-C1, 2
Volume input selector A1, 2 input/REC-C1, 2 output pins
10, 33
VSELA OUT1, 2
Volume switching noise reduction capacitor connection pins
11, 32
LOUD1, 2
Loudness circuitry frequency characteristic setting pins
12, 31
BI1, 2
Tone (bass) frequency characteristic setting pins
13, 30
BO1, 2
14, 29
MI1, 2
Tone (mid) frequency characteristic setting pins
15, 28
MO1, 2
16, 27
TRE1, 2
Tone (treble) frequency characteristic setting pins
17, 26
VSELB OUT1, 2
Volume input selector B1, 2 output pins
18, 25
VOL IN1, 2
Volume input pins
19, 24
VOL OUT1, 2
Volume output pins
20
VCC
Power supply
21
DATA
Serial data input pin
22
CLOCK
Clock input pin for serial data transfer
23
GND
GND
41
REC-B2/SUR1
REC-B2 output/surround external device connection pin
42
REC-B1/SUR2
REC-B1 output/surround external device connection pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com